Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317G-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM317G-TN3-R
Description  HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM317G-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LM317G-TN3-R Datasheet HTML 1Page - Unisonic Technologies LM317G-TN3-R Datasheet HTML 2Page - Unisonic Technologies LM317G-TN3-R Datasheet HTML 3Page - Unisonic Technologies LM317G-TN3-R Datasheet HTML 4Page - Unisonic Technologies LM317G-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LM317
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R101-009.V
APPLICATION CIRCUITS
1
2
3
VOUT
R1
R2
VIN
C1
0.1 F
Co
1 F
I
ADJ
1
2
3
VOUT
VIN
D1 1N4002
720
120
1k
1 F
TTL Level
signal
UTC
LM317
UTC LM317
Fig.1 Programmable voltage regulator
Fig.2 Regulator with On-off control
VOUT= 1.25V*(1+R2/R1)+IADJ*R2
C1 is required when regulator is located
an appreciated distance from power
supply. Co is needed to improve
transient response.
UTC LM317
1
2
3
1
2
3
VOUT
VIN
VADJ
R2
240
50k
D1
1N4001
10 F
IOUT
IADJ
R1
R2
VOUT
VIN
R1
1.25V
R1
IO(MIN)=(
VREF
R1+R2
)+IADJ=
1.25V
R1+R2
Fig.3 Soft Start Application
Fig.4 Constant Current Application
UTC LM317
)+IADJ=
VREF
IO(MAX)=(
0.1μF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com