Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAS16VG-AE2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UAS16VG-AE2-R
Description  WIDE OPERATING VOLTAGE RANGE REGULATOR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UAS16VG-AE2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UAS16VG-AE2-R Datasheet HTML 1Page - Unisonic Technologies UAS16VG-AE2-R Datasheet HTML 2Page - Unisonic Technologies UAS16VG-AE2-R Datasheet HTML 3Page - Unisonic Technologies UAS16VG-AE2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UAS16V
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R101-048.J
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VCC
80
V
Output Current (VCC=30V)
IO
0.015
A
Power Dissipation
SOT-23-3
PD
0.300
W
TO-92
0.625
W
Operating Temperature
TJ
-40 ~ +125
C
Storage Temperature
TSTG
-60 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(TA=25C. All voltage referenced to GND unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VCC
Operating Voltage
20
80
V
Power Supply Current
ICC
VCC=40V
0.15
0.4
mA
VCC=80V
0.2
0.45
mA
Output Voltage
VOUT
VCC=40V, IOUT=1mA
15.4
16.2
17.0
V
VCC=40V, IOUT=10mA
15.3
16.1
16.9
V
VCC=80V, IOUT=1mA
15.5
16.3
17.1
V
VCC=80V, IOUT=10mA
15.4
16.2
17.0
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com