Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAS24VL-AE2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UAS24VL-AE2-R
Description  WIDE OPERATING VOLTAGE RANGE REGULATOR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UAS24VL-AE2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UAS24VL-AE2-R Datasheet HTML 1Page - Unisonic Technologies UAS24VL-AE2-R Datasheet HTML 2Page - Unisonic Technologies UAS24VL-AE2-R Datasheet HTML 3Page - Unisonic Technologies UAS24VL-AE2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UAS24V
Advance
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2020 Unisonic Technologies Co., Ltd
QW-R101-052.a
WIDE OPERATING VOLTAGE
RANGE REGULATOR
TRANSISTOR
DESCRIPTION
The IC is a wide operating range regulator transistor of fixed
output voltage 24V (when Vcc
≥ 25V).
Internal Res is 10kohm/20kohm.
FEATURES
* Operating voltage range: 8V ~ 80V
* Output voltage: 24V @ 25
C & V
CC ≥ 25V
* Output voltage: about VCC-0.8V @ 25C & VCC < 25V
3
1
2
SOT-23-3
(JEDEC TO-236)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UAS24VL-AE2-R
UAS24VG-AE2-R
SOT-23-3
Tape Reel
(1) R: Tape Reel
(2) AE2: SOT-23-3
(3) G: Halogen Free and Lead Free, L: Lead Free
UAS24VG-AE2-R
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING
UAS24


Similar Part No. - UAS24VL-AE2-R

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UAS2D101MHD NICHICON-UAS2D101MHD Datasheet
65Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
UAS2D101MHD NICHICON-UAS2D101MHD Datasheet
568Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UAS2D101MHD6 NICHICON-UAS2D101MHD6 Datasheet
568Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UAS2D151MHD NICHICON-UAS2D151MHD Datasheet
65Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
UAS2D151MHD NICHICON-UAS2D151MHD Datasheet
568Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UAS24VL-AE2-R

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
150mA Voltage Regulator (Wide Input Voltage Range)
logo
Texas Instruments
SN54HC04-DIE TI-SN54HC04-DIE Datasheet
124Kb / 5P
HEX INVERTER Wide Operating Voltage Range
logo
ON Semiconductor
NCP4641 ONSEMI-NCP4641 Datasheet
339Kb / 14P
Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
Wide operating voltage range
logo
Unisonic Technologies
UAS16V UTC-UAS16V Datasheet
85Kb / 4P
WIDE OPERATING VOLTAGE RANGE REGULATOR
logo
TXC Corporation.
AM-SERIES TXC-AM-SERIES Datasheet
956Kb / 1P
Wide operating temperature range.
logo
Ultralife Corporation.
UBBL06-01 ULTRALIFE-UBBL06-01 Datasheet
486Kb / 2P
Wide operating temperature range
Rev: C
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
Wide operating temperature range
Rev: G
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
Wide operating temperature range
Rev D
logo
Unisonic Technologies
UAS16V UTC-UAS16V_V01 Datasheet
138Kb / 4P
WIDE OPERATING VOLTAGE RANGE REGULATOR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com