Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDD Datasheet(PDF) 2 Page - RFE international

Part # MDD
Description  Metalized Polyester Film Capacitors MDD: General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MDD Datasheet(HTML) 2 Page - RFE international

  MDD Datasheet HTML 1Page - RFE international MDD Datasheet HTML 2Page - RFE international MDD Datasheet HTML 3Page - RFE international MDD Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Metalized Polyester Film Capacitors
MDD: General Purpose
Page 2 of 4
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
DIMENSIONS (mm)
W.V.
Cod W
H
T
P
d
W
H
T
P
d
W
H
T
P
d
W
H
T
P
d
W
H
T
P
d
0.010 103
13.0 8.0 5.0 10.0 0.6 13.0 9.0 4.0 10.0 0.6
0.012 123
13.0 8.5 5.0 10.0 0.6
0.015 153
10.5 8.0 4.5 7.5 0.6 13.0 9.5 5.5 10.0 0.6 13.0 11.0 5.0 10.0 0.0
0.018 183
10.5 8.5 5.0 7.5 0.6 13.0 11.0 5.5 10.0 0.6
0.022 223
10.5 8.5 5.0 7.5 0.6 13.0 11.5 6.0 10.0 0.6 13.0 11.0 5.0 10.0 0.6
0.027 273
10.5 9.0 5.5 7.5 0.6 13.0 12.0 6.5 10.0 0.6
0.033 333
10.5 9.5 6.0 7.5 0.6 13.0 12.5 7.0 10.0 0.6 18.0 12.0 6.0 15.0 0.8
0.039 393
10.5 8.0 4.0 7.5 0.6 13.0 8.5 4.5 10.0 0.6 13.0 14.0 7.0 10.0 0.6
9.5 7.5 4.0 7.5 0.6
18.0 12.0 6.0 15.0 0.8
13.0 9.0 5.0 10.0 0.6
0.056 563
10.5 8.5 5.0 7.5 0.6 13.0 9.5 5.5 10.0 0.6 18.5 11.0 5.5 15.0 0.8 18.0 13.5 7.5 15.0 0.8
0.068 683
10.5 8.5 5.0 7.5 0.6 13.0 11.0 5.5 10.0 0.6 18.5 11.5 6.0 15.0 0.8
0.082 823
10.5 9.5 5.5 7.5 0.6 13.0 11.5 5.5 10.0 0.6 18.5 12.0 6.5 15.0 0.8 18.0 14.5 8.5 15.0 0.8
0.100 104 10.5 7.5 4.0 7.5 0.6 10.5 10.0 6.0 7.5 0.6 12.0 9.0 5.0 10.0 0.6 18.5 12.0 6.0 15.0 0.8
0.120 124 10.5 7.5 4.0 7.5 0.6 10.5 10.5 6.5 7.5 0.6 18.5 10.5 5.0 15.0 0.8 18.5 14.5 7.0 15.0 0.8 26.5 16.0 7.0 22.5 0.8
0.150 154 10.5 8.0 4.5 7.5 0.6 10.5 11.0 7.0 7.5 0.6 18.5 11.5 5.5 15.0 0.8 18.5 15.5 8.0 15.0 0.8
0.180 184 10.5 8.5 5.0 7.5 0.6 13.0 9.0 4.5 10.0 0.6 18.5 12.0 6.0 15.0 0.8 18.5 16.0 8.5 15.0 0.8 26.5 17.0 8.5 22.5 0.8
10.3 11.0 6.1 7.5 0.6 11.3 4.3 7.0 10.0 0.8 11.3 11.3 7.0 10.0 0.6
13.0 11.0 5.0 10.0 0.6 18.5 13.5 6.0 15.0 0.8 18.5 16.5 9.0 15.0 0.8 26.5 20.0 11.0 22.5 0.8
0.270 274 10.5 9.5 5.5 7.5 0.6 13.0 11.5 6.0 10.0 0.6 18.5 14.0 7.0 15.0 0.8 26.5 16.5 7.5 22.5 0.8
12.0 12.0 6.5 7.5 0.6 12.0 12.0 7.5 10.0 0.6 18.5 18.0 10.0 15.0 0.8 32.0 20.0 11.0 27.5 0.8
13.0 12.0 6.5 10.0 0.6 18.5 15.0 7.5 15.0 0.8 26.5 17.0 8.5 22.5 0.8
0.390 394 10.5 10.5 6.0 7.5 0.6 18.0 9.0 5.0 15.0 0.6 18.5 15.5 8.5 15.0 0.8 26.5 17.0 9.0 22.5 0.8 32.0 28.0 14.0 27.5 0.8
0.470 474 10.5 12.0 6.0 7.5 0.6 18.5 13.0 5.0 15.0 0.8 18.5 17.5 8.5 15.0 0.8 26.5 18.0 10.0 22.5 0.8
0.560 564 13.3 11.0 5.5 10.0 0.6 18.5 13.0 6.0 15.0 0.8 26.0 16.0 7.5 22.5 0.8 26.5 18.0 11.0 22.5 0.8 32.0 30.0 16.0 27.5 0.8
0.680 684 13.0 11.5 6.0 10.0 0.6 18.5 13.5 6.0 15.0 0.8 26.0 17.0 8.0 22.5 0.8 26.0 21.5 12.5 22.5 0.8
0.820 824 13.0 13.0 6.0 10.0 0.6 18.5 14.0 7.0 15.0 0.8 26.0 17.5 9.0 22.5 0.8 31.0 21.0 12.0 27.5 0.8
18.5 15.0 8.5 15.0 0.8
26.0 20.0 12.0 22.5 0.8
1.200 125 18.5 12.5 5.5 15.0 0.8 18.5 15.5 8.5 15.0 0.8 26.0 20.0 11.0 22.5 0.8 31.0 23.5 15.0 27.5 0.8
1.500 155 18.5 13.5 6.0 15.0 0.8 18.5 16.5 9.5 15.0 0.8 31.0 19.5 11.0 27.5 0.8 31.0 26.5 16.0 27.5 0.8
1.800 185 18.5 14.0 6.5 15.0 0.8 26.0 16.0 7.5 22.5 0.8 31.0 21.0 12.0 27.5 0.8 31.0 28.0 18.0 27.5 0.8
2.200 225 18.5 15.0 7.0 15.0 0.8 26.0 17.0 8.5 22.5 0.8 31.0 23.5 13.0 27.5 0.8 31.0 30.5 20.0 27.5 0.8
2.700 275 18.5 16.0 7.5 15.0 0.8 26.0 18.0 9.5 22.5 0.8
3.300 335 18.5 16.5 8.5 15.0 0.8 26.0 19.0 10.5 22.5 0.8
3.900 395 26.0 16.0 7.0 22.5 0.8 26.0 21.5 10.5 22.5 0.8
4.700 475 26.0 17.0 7.5 22.5 0.8 26.0 22.0 12.0 22.5 0.8
5.600 565 26.0 17.5 8.0 22.5 0.8 31.0 22.0 12.0 27.5 0.8
6.800 685 26.0 18.5 9.0 22.5 0.8 31.0 23.5 13.0 27.5 0.8
8.200 825 26.0 20.0 10.0 22.5 0.8 31.0 25.0 14.5 27.5 0.8
10.000 125 26.0 21.0 11.5 22.5 0.8 31.0 26.5 16.5 27.5 0.8
250VDC(2E)
400VDC((2G)/450VDC(2W)
1000VDC(3A)
0.220 224 10.5 8.5
13.0 9.0 5.5 10.0 0.6
630VDC (2J)
10.0 6.0 7.5 0.6
(μF)
100VDC(2A)
26.0
0.6
0.047 473
1.000 105 13.0 14.0 6.5 10.0
5.0 7.5 0.6
0.330 334 10.5
10.5 8.0 4.5 7.5 0.6
18.5 10.0 22.5 0.8 31.0 22.0 13.5 27.5 0.8
07-JUL-2023



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com