Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF Datasheet(PDF) 1 Page - RFE international

Part # MDF
Description  Metalized Polyester Film Capacitors MDF: General Purpose, Lead Space 7.5mm~42.5mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MDF Datasheet(HTML) 1 Page - RFE international

  MDF Datasheet HTML 1Page - RFE international MDF Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Metalized Polyester Film Capacitors
MDF: General Purpose, Lead Space 7.5mm~42.5mm
INTRODUCTION
FEATURES
SPECIFICATIONS
PART NUMBER EXAMPLE
TOLERANCE
LEAD STYLE EXAMPL,ES
CAPACITANCE CODE
RADIAL LEAD SPACING
TAPE CODE (Lead spacing of tape, if taped)
RATED VOLTAGE
LEAD STYLE EXAMPLES
PACKAGING
RADIAL LEAD SPACING
LEAD LENGTH FROM SEATING THE PLANE
13-OCT-2023
Page 1 of 2
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
LEAD STYLE


Similar Part No. - MDF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MDF-SP/Q MSYSTEM-MDF-SP/Q Datasheet
123Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
MIC GROUP RECTIFIERS
MDF005 MIC-MDF005 Datasheet
42Kb / 2P
SURFACE MOUNT BRIDGE
MDF01 MIC-MDF01 Datasheet
42Kb / 2P
SURFACE MOUNT BRIDGE
MDF02 MIC-MDF02 Datasheet
42Kb / 2P
SURFACE MOUNT BRIDGE
MDF04 MIC-MDF04 Datasheet
42Kb / 2P
SURFACE MOUNT BRIDGE
More results

Similar Description - MDF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
430P VISHAY-430P Datasheet
47Kb / 3P
Metalized Polyester Film Capacitors Wrap-and-Fill
13-Nov-03
logo
RFE international
MD104M2E100B250S RFE-MD104M2E100B250S Datasheet
90Kb / 1P
METALIZED POLYESTER FILM CAPACITORS MD Series: Radial Dipped
ME103K2E RFE-ME103K2E Datasheet
66Kb / 1P
METALIZED POLYESTER FILM CAPACITORS ME Series: Encapsulated
MEM104J1J050B250S RFE-MEM104J1J050B250S Datasheet
86Kb / 2P
METALIZED POLYESTER FILM CAPACITORS MEM Series: Stacked Film, Minature
MES104K2A050B250S RFE-MES104K2A050B250S Datasheet
107Kb / 1P
METALIZED POLYESTER FILM CAPACITORS MES Series: Miniature, Radial
logo
Kemet Corporation
R60MF2470AA60K KEMET-R60MF2470AA60K Datasheet
1Mb / 21P
General Purpose Metallized Polyester Film Capacitors
logo
List of Unclassifed Man...
CFD-N ETC1-CFD-N Datasheet
216Kb / 4P
Resin Coated Metalized Polyester Film Capacitors
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
RFE international
MDD RFE-MDD Datasheet
3Mb / 4P
Metalized Polyester Film Capacitors MDD: General Purpose
07-JUL-2023
MEB RFE-MEB Datasheet
1Mb / 7P
Metalized Polyester Film Capacitors MEB: General Purpose, Box Type
2-OCT-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com