Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPP Datasheet(PDF) 2 Page - RFE international

Part # MPP
Description  Metalized Polypropylene Film Capacitors MPP Series: Radial Dipped
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MPP Datasheet(HTML) 2 Page - RFE international

  MPP Datasheet HTML 1Page - RFE international MPP Datasheet HTML 2Page - RFE international MPP Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Metalized Polypropylene Film Capacitors
MPP Series: Radial Dipped
SEP-27-2023
Page 2 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
PART NUMBER EXAMPLE - BULK
CAPACITANCE
TOLERANCE CODE
PART NUMBER EXAMPLE - RADIAL TAPED
MAXIMUM DIMENSIONS
400VDC (2G)/450VDC (2W)
250VDC (2E)
100VDC (2A)
630VDC (2J)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com