Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPPS Datasheet(PDF) 1 Page - RFE international

Part # MPPS
Description  METALIZED POLYPROPYLENE FILM CAPACITORS MPPS Series: High Voltage Radial Dipped
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MPPS Datasheet(HTML) 1 Page - RFE international

  MPPS Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
C1DD07
REV 2010.10.13
METALIZED POLYPROPYLENE FILM CAPACITORS
MPPS Series: High Voltage Radial Dipped
INTRODUCTION
FEATURES
•Very low loss
•High Reliability and excellent long term stability
•Low DF, low temperature rise
•High corona starting voltage (csv)
•High Current Rating, high dv/dt
•Flame retardant epoxy resin coating
(compliant to UL 94V-0)
•Self healing properties
SPECIFICATIONS
DIMENSIONS
PART NUMBER EXAMPLE
MPPS Series are constructed with metalized
polypropylene film dielectric. They are non-
inductively wound, have tinned copper leads and
flame retardant epoxy.
They are ideal for high frequency and high pulse
applications, such as electronic ballast, switching
power supplies, etc.
Type
Performance
Operating Temperature Range
-40°C ~ +85°C
Capacitance Range
0.001 ~ 0.068 F
Capacitance Tolerance
±5% (J), ±10% (K)
Rated Voltage
1000VDC
1600VDC, 2000VDC
Dissipation Factor
0.1% max at 1KHz, 20°C
Insulation Resistance
(100VDC for 1 minute)
>50000MW, 25°C
MPPS 472 K 3B
fd 0.8mm ±0.05mm
DV/DT
15 to 17.5 mm
20 to 22.5 mm
Voltage
Lead space
Lead Space
1000V
500V/ms
300V/ms
1600V
800V/ms
600V/ms
2000V
1000V/ms
W.V.
mF
Code
W
H
T
P±1 df
W
H
T
P±1
df
W
H
T
P±1 df
0.0010
102
18.5 11.0
7.5 15.0 0.8 18.5 11.0
7.5 15.0 0.8 18.5 13.0 8.0 15.0 0.8
0.0012
122
18.5 11.5
8.0 15.0 0.8 18.5 11.5
8.0 15.0 0.8 18.5 13.5 8.5 15.0 0.8
0.0015
152
18.5 13.0 8.0 15.0 0.8 18.5 13.0 8.0 15.0 0.8 18.5 14.5 9.0 15.0 0.8
0.0018
182
18.5 13.5 8.0 15.0 0.8 18.5 13.5 8.0 15.0 0.8 18.5 15.0 9.5 15.0 0.8
0.0022
222
18.5 10.0 6.5 15.0 0.8 18.5 14.0 9.0 15.0 0.8 22.0 14.5 9.5 17.5 0.8
0.0027
272
18.5 10.5 7.0 15.0 0.8 18.5 16.0 9.0 15.0 0.8 22.0 15.0 10.0 17.5 0.8
0.0033
332
18.5 11.0
7.5 15.0 0.8 22.0 14.0 9.0 17.5 0.8 22.0 17.5 10.5 17.5 0.8
0.0039
392
18.5 11.5
8.0 15.0 0.8 22.0 14.5 9.5 17.5 0.8 22.0 17.5 11.0 17.5 0.8
0.0047
472
18.5 12.0 8.0 15.0 0.8 22.0 15.0 10.0 17.5 0.8 22.0 18.5 12.0 17.5 0.8
0.0056
562
18.5 13.0 8.0 15.0 0.8 22.0 16.0 10.5 17.5 0.8 22.0 19.5 12.5 17.5 0.8
0.0068
682
18.5 14.0 9.0 15.0 0.8 22.0 17.5 11.0 17.5 0.8 23.5 19.0 11.5 20.0 0.8
0.0082
822
18.5 15.0 9.5 15.0 0.8 22.0 18.5 12.0 17.5 0.8 23.5 19.5 13.0 20.0 0.8
0.0100
103
18.5 15.0 10.0 15.0 0.8 23.5 17.5 12.5 20.0 0.8 23.5 22.0 13.0 20.0 0.8
0.0120
123
18.5 16.0 11.0 17.5 0.8 23.5 18.0 13.0 20.0 0.8 23.5 23.0 14.0 20.0 0.8
0.0150
153
22.0 15.5 10.5 17.5 0.8 23.5 20.5 14.0 20.0 0.8 26.5 23.0 14.5 22.5 0.8
0.0160
163
22.0 17.0 11.0 17.5 0.8 23.5 22.5 15.0 20.0 0.8 26.5 24.0 16.0 22.5 0.8
0.0220
223
22.0 18.0 11.5 20.0 0.8 26.5 22.5 15.0 22.5 0.8 26.5 25.5 17.5 22.5 0.8
0.0270
273
23.5 18.0 11.0 20.0 0.8 26.5 24.5 15.5 22.5 0.8
0.0330
333
23.5 19.0 12.0 20.0 0.8 26.5 27.0 16.5 22.5 0.8
0.0390
393
23.5 20.0 12.0 20.0 0.8
0.0470
473
23.5 21.5 13.0 20.0 0.8
0.0560
563
26.5 22.0 13.0 22.5 0.8
0.0680
683
26.5 22.5 14.0 22.5 0.8
1000VDC (3A)
1600VDC (3C)
2000VDC (3D)
RoHS


Similar Part No. - MPPS

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MPPS MERITEK-MPPS Datasheet
118Kb / 1P
Hi-Voltage Metallized Polypropylene Film Capacitors
MPPS102J1K2 MERITEK-MPPS102J1K2 Datasheet
118Kb / 1P
Hi-Voltage Metallized Polypropylene Film Capacitors
MPPS102J3A MERITEK-MPPS102J3A Datasheet
118Kb / 1P
Hi-Voltage Metallized Polypropylene Film Capacitors
MPPS102J3C MERITEK-MPPS102J3C Datasheet
118Kb / 1P
Hi-Voltage Metallized Polypropylene Film Capacitors
MPPS102J3D MERITEK-MPPS102J3D Datasheet
118Kb / 1P
Hi-Voltage Metallized Polypropylene Film Capacitors
More results

Similar Description - MPPS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
732P VISHAY-732P Datasheet
40Kb / 1P
Film Capacitors Metalized Polypropylene, Wrap-and-Fill
17-Nov-03
735P VISHAY-735P Datasheet
81Kb / 3P
Film Capacitors High Current, Wrap-and-Fill, Metalized Polypropylene
17-Nov-03
logo
RFE international
MD104M2E100B250S RFE-MD104M2E100B250S Datasheet
90Kb / 1P
METALIZED POLYESTER FILM CAPACITORS MD Series: Radial Dipped
MMD1104K1JA RFE-MMD1104K1JA Datasheet
66Kb / 1P
METALIZED POLYESTER FILM CAPACITORS MMD Series: Mini Dipped (Stacked Film Replacement)
MPPS472K3B RFE-MPPS472K3B Datasheet
77Kb / 1P
METALIZED POLYPROPYLENE FILM CAPACITORS MPPS Series: High Voltage Radial Dipped
PMD105M2E RFE-PMD105M2E Datasheet
85Kb / 1P
METALIZED POLYPROPYLENE FILM CAPACITORS PMD Series: Radial Dipped
PPS222J3A RFE-PPS222J3A Datasheet
85Kb / 1P
POLYPROPYLENE FILM CAPACITORS PPS Series: High Voltage Radial Dipped, Film Foil
logo
Vishay Siliconix
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
AC Filtering Metalized Polypropylene Film Capacitor Radial Type
19-May-2021
logo
RFE international
MPP RFE-MPP Datasheet
1Mb / 3P
Metalized Polypropylene Film Capacitors MPP Series: Radial Dipped
SEP-27-2023
PMD RFE-PMD Datasheet
56Kb / 1P
METALIZED POLYPROPYLENE FILM CAPACITORS PMD Series: Radial Dipped
REV 2013.02.13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com