Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMD Datasheet(PDF) 1 Page - RFE international

Part # PMD
Description  METALIZED POLYPROPYLENE FILM CAPACITORS PMD Series: Radial Dipped
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

PMD Datasheet(HTML) 1 Page - RFE international

  PMD Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C1DD03
REV 2013.02.13
METALIZED POLYPROPYLENE FILM CAPACITORS
PMD Series: Radial Dipped
INTRODUCTION
FEATURES
•Low dissipation factor and high insulation resistance
•High capacitance and dissipation factor stability
•Non-inductive construction
•Self-healing
•Flame retardant epoxy resin coating
(compliant to UL 94V-0)
PMD series are constructed with metalized
polypropylene film dielectric, copperply lead and
flame retardant epoxy resin coating. Suitable
blocking, by-pass, coupling, decoupling, filtering,
timing, tuning, temperature compensation and ideal
for use in telecommunication equipment, industrial
instruments, automatic control systems and other
general electronic equipment.
SPECIFICATIONS
DIMENSIONS
PART NUMBER EXAMPLE
(Can be b
encapsulated. See PME
)
ox
series.
Type
Performance
Operating Temperature Range
-40°C ~ +85°C
Capacitance Range
±5%(J), ±10%(K), ±20%(M)
0.001
~ 3.3
Capacitance Tolerance
Rated Voltage
100VDC, 250VDC, 400VDC
630VDC
Dissipation Factor
0.1% max, at 1KHz, 25°C
Insulation Resistance
C 0.33
mF, 30000M
C 0.33
mF, 10000M • F
PMD 105 M 2E
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
mF
CODE
W
H
T
P±1 d
f W
H
T
P±1 d
f W
H
T
P±1 d
f W
H
T
P±1 d
f
0.0010
102
11.0 10.0 6.0
7.5 0.6 11.0 10.0 6.0
7.5 0.6 11.0 10.0 6.0
7.5 0.6 11.0 10.0 6.0
7.5 0.6
0.0015
152
11.0 10.0 6.0
7.5 0.6 11.0 10.0 6.0
7.5 0.6 11.0 10.0 6.0
7.5 0.6 11.0 10.0 6.0
7.5 0.6
0.0022
222
11.0 10.0 6.0
7.5 0.6 11.0 10.0 6.0
7.5 0.6 11.0 10.0 6.0
7.5 0.6 11.0 10.0 6.0
7.5 0.6
0.0033
332
11.0 10.0 6.0
7.5 0.6 11.0 10.0 6.0
7.5 0.6 11.0 10.0 6.0
7.5 0.6 11.0 10.0 6.0
7.5 0.6
0.0047
472
11.0 10.0 6.0
7.5 0.6 14.0 11.0 6.0
7.5 0.6 14.0 11.0 6.0
7.5 0.6 11.0 10.0 6.0
7.5 0.6
0.0068
682
11.0 10.0 6.0 10.0 0.6 14.0 11.0 7.0 10.0 0.6 14.0 11.0 7.0 10.0 0.6 14.0 10.0 7.0 10.0 0.6
0.0100
103
11.0 10.0 6.0 10.0 0.6 14.0 11.0 7.0 10.0 0.6 14.0 11.0 7.0 10.0 0.8 14.0 11.0 7.0 10.0 0.6
0.0150
153
11.0 10.0 6.0 10.0 0.6 14.0 11.0 7.0 10.0 0.6 14.0 11.0 7.0 10.0 0.8 14.0 13.0 7.0 10.0 0.6
0.0220
223
11.0 10.0 6.0 10.0 0.6 14.0 11.0 7.0 10.0 0.6 14.0 11.0 7.0 10.0 0.8 20.0 13.0 7.0 15.0 0.6
0.0330
333
11.0 10.0 6.0 10.0 0.6 14.0 11.0 7.0 10.0 0.6 14.0 12.0 8.0 10.0 0.8 20.0 13.0 8.0 15.0 0.6
0.0470
473
11.0 10.0 6.0 10.0 0.6 14.0 11.0 7.0 10.0 0.6 18.0 13.0 8.0 15.0 0.8 20.0 15.0 9.0 15.0 0.8
0.0680
683
14.0 10.0 6.0 10.0 0.6 14.0 11.0 7.0 10.0 0.6 18.0 13.0 8.0 15.0 0.8 26.0 15.0 9.0 21.0 0.8
0.1000
104
14.0 10.0 6.0 10.0 0.6 14.0 11.0 8.0 10.0 0.6 19.0 17.5 10.0 15.0 0.8 26.0 15.0 10.0 21.0 0.8
0.1500
154
18.0 12.0 7.0 15.0 0.8 18.0 13.0 8.0 15.0 0.8 19.0 19.0 11.0 15.0 0.8 26.0 18.0 12.0 21.0 0.8
0.2200
224
18.0 12.0 7.0 15.0 0.8 18.0 13.0 9.0 15.0 0.8 24.0 19.0 10.5 20.0 0.8 32.0 20.0 12.0 27.0 0.8
0.3300
334
18.0 14.0 7.0 15.0 0.8 26.0 15.0 9.0 21.0 0.8 24.0 20.0 12.0 20.0 0.8 32.0 22.0 13.0 27.0 0.8
0.4700
474
18.0 14.0 8.0 15.0 0.8 26.0 16.0 10.0 21.0 0.8 29.0 22.0 12.0 25.0 0.8 36.0 23.0 15.0 31.0 0.8
0.5600
564
18.0 17.0 12.0 15.0 0.8 26.0 17.0 10.5 20.0 0.8 29.0 24.0 14.0 25.0 0.8 36.0 25.5 17.5 31.0 0.8
0.6800
684
24.0 16.0 9.5 20.0 0.8 26.0 19.0 11.0 20.0 0.8 29.0 24.0 14.0 25.0 0.8 36.0 26.0 18.0 31.0 0.8
1.0000
105
24.0 17.5 11.0 20.0 0.8 32.0 24.0 16.5 22.5 0.9 34.0 25.0 15.0 30.0 0.8
1.5000
155
32.0 18.0 12.0 27.5 0.8 32.0 22.5 13.5 27.5 0.8
2.2000
225
32.0 20.0 12.0 27.5 0.8 32.0 24.0 15.0 27.5 0.8
3.3000
335
32.0 24.0 16.0 27.5 0.8 36.0 27.0 17.0 31.0 0.8
630VDC
100VDC
W.V
250VDC
400VDC
LS Pkg LL Forming
(2A)
(2E)
(2G)
(2J)
RoHS


Similar Part No. - PMD

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PMD-0-9 PANDUIT-PMD-0-9 Datasheet
84Kb / 1P
Write-On Marker Cards – Self-Laminating
PMD-0-9 PANDUIT-PMD-0-9 Datasheet
481Kb / 6P
Cable Ties & Wire Markers
logo
Potens Semiconductor Co...
PMD02N60N POTENS-PMD02N60N Datasheet
708Kb / 5P
600V N-Channel MOSFETs
Ver.1.00
PMD04N65P POTENS-PMD04N65P Datasheet
1Mb / 5P
650V N-Channel MOSFETs
Ver.1.01
PMD04N80P POTENS-PMD04N80P Datasheet
1,003Kb / 5P
800V N-Channel MOSFETs
Ver.1.00
More results

Similar Description - PMD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
732P VISHAY-732P Datasheet
40Kb / 1P
Film Capacitors Metalized Polypropylene, Wrap-and-Fill
17-Nov-03
logo
RFE international
MD104M2E100B250S RFE-MD104M2E100B250S Datasheet
90Kb / 1P
METALIZED POLYESTER FILM CAPACITORS MD Series: Radial Dipped
MES104K2A050B250S RFE-MES104K2A050B250S Datasheet
107Kb / 1P
METALIZED POLYESTER FILM CAPACITORS MES Series: Miniature, Radial
MMD1104K1JA RFE-MMD1104K1JA Datasheet
66Kb / 1P
METALIZED POLYESTER FILM CAPACITORS MMD Series: Mini Dipped (Stacked Film Replacement)
MPPS472K3B RFE-MPPS472K3B Datasheet
77Kb / 1P
METALIZED POLYPROPYLENE FILM CAPACITORS MPPS Series: High Voltage Radial Dipped
PMD105M2E RFE-PMD105M2E Datasheet
85Kb / 1P
METALIZED POLYPROPYLENE FILM CAPACITORS PMD Series: Radial Dipped
PPS222J3A RFE-PPS222J3A Datasheet
85Kb / 1P
POLYPROPYLENE FILM CAPACITORS PPS Series: High Voltage Radial Dipped, Film Foil
logo
Vishay Siliconix
MKP1847C VISHAY-MKP1847C Datasheet
179Kb / 16P
AC Filtering Metalized Polypropylene Film Capacitor Radial Type
19-May-2021
logo
RFE international
MPP RFE-MPP Datasheet
1Mb / 3P
Metalized Polypropylene Film Capacitors MPP Series: Radial Dipped
SEP-27-2023
MPPS RFE-MPPS Datasheet
128Kb / 1P
METALIZED POLYPROPYLENE FILM CAPACITORS MPPS Series: High Voltage Radial Dipped
REV 2010.10.13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com