Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC6D102 Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC6D102
Description  Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D102 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC6D102 Datasheet HTML 17Page - SMSC Corporation EMC6D102 Datasheet HTML 18Page - SMSC Corporation EMC6D102 Datasheet HTML 19Page - SMSC Corporation EMC6D102 Datasheet HTML 20Page - SMSC Corporation EMC6D102 Datasheet HTML 21Page - SMSC Corporation EMC6D102 Datasheet HTML 22Page - SMSC Corporation EMC6D102 Datasheet HTML 23Page - SMSC Corporation EMC6D102 Datasheet HTML 24Page - SMSC Corporation EMC6D102 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
Datasheet
SMSC EMC6D102
21
Revision 0.4 (06-15-06)
DATASHEET
5.4
Interrupt Status Registers
The Hardware Monitor Block contains two interrupt status registers: Register 41h: Interrupt Status
Register 1 on page 54 and on page 55. These registers are used to reflect the state of all temperature,
voltage and fan violation of limit error conditions and diode fault conditions that the Hardware Monitor
Block monitors.
When an error occurs during the conversion cycle, its corresponding bit is set in its respective interrupt
status register. The bit remains set until the register is read by software, at which time the bit will be
cleared to ‘0’ if the associated error event no longer violates the limit conditions or if the diode fault
condition no longer exists. Reading the register will not cause a bit to be cleared if the source of the
status bit remains active.
These registers are read only – a write to these registers have no effect. These registers default to
0x00 on VCC POR and Initialization.
See the description of the Interrupt Status registers in Chapter 7, "Register Set," on page 45.
Each interrupt status bit has a corresponding bit located in an interrupt enable register, which may be
used to enable/disable the individual event from setting the status bit. See the figure below for the
status and enable bits used to control the interrupt bits and INT# pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com