Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1650 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MBR1650
Description  16A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR1650 Datasheet(HTML) 2 Page - Diodes Incorporated

  MBR1650 Datasheet HTML 1Page - Diodes Incorporated MBR1650 Datasheet HTML 2Page - Diodes Incorporated MBR1650 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS23011 Rev. 8 - 2
2 of 3
MBR1630-MBR1660
www.diodes.com
0.1
1.0
10
50
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig.2 Typical Forward Voltage Characteristics
MBR1630 - MBR1645
MBR1650 / MBR1660
100
1000
4000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Total Capacitance
T= 25
°C
j
f = 1.0MHz
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 125
°C
j
T = 75
°C
j
T = 25
°C
j
100
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
0
4
8
050
100
150
T , CASE TEMPERATURE (
°C)
C
Fig. 1 Forward Current Derating Curve
12
16
20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com