Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IEEE1394 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IEEE1394
Description  IEEE 1394/Device Bay ATSC DTV receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IEEE1394 Datasheet(HTML) 3 Page - NXP Semiconductors

  IEEE1394 Datasheet HTML 1Page - NXP Semiconductors IEEE1394 Datasheet HTML 2Page - NXP Semiconductors IEEE1394 Datasheet HTML 3Page - NXP Semiconductors IEEE1394 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PDI1394L11 1394 A/V Link layer controller
•
Full IEEE 1394-1995 compliant
•
Hardware support for IEC 61883 standard
•
A/V interface port supports high-speed (isochronous)
digital data streams
•
Asynchronous interface port supports command and
control functions
•
Compatible with any IEEE 1394-1995 100, 200 and
400 Mbits/s physical layer devices
Philips’ PDI1394L11, is an IEEE 1394-1995 link layer controller
featuring an embedded A/V layer interface. The A/V layer is
designed to pack and un-pack application data packets for
transmission over an IEEE 1394 bus using isochronous data transfers.
Application data is packetized according to IEC61883 specification
of digital interface for consumer electronic audio/video equipment.
The A/V layer interface is a byte wide port capable of
accommodating various MPEG2 and DV codecs. A byte wide host
interface is provided for internal register configuration as well as
performing asynchronous data transfers.
PDI1394P11 three-port Physical Layer Controller
•
IEEE 1394-1995 compliant
•
Three cable ports capable of 100 Mbits/s and 200 Mbits/s
data rates
•
Energy saving power down feature offers lower power
consumption than competing devices
•
Interfaces to any IEEE 1394 standard link layer controller
Integrated on the main board for output over 1394 port connections,
or on a Device Bay daughter card for output over a Device Bay signal
connector, the PDI1394P11 provides the analog physical layer
functions to connect to a three-port node in a 1394 application.
It manages bus initialization and arbitration cycles, as well as
transmission and reception of data bits. Supporting the IEEE 1394a
short arbitrated bus reset, the PDI1394P11 reduces reset times and
hence the risk of losing isochronous data.
TDA9829 IF downconverter
The TDA9829 DTV IF amplifier/converter chip provides the signal
stages for IF processing to the DVB standard, down-converting the
digital Quadrature Amplitude Modulation (QAM) signal to a
frequency matching the symbol rate. It features VCO for QAM
carrier recovery, internal and external AGC for DVB, and is
applicable for VSB (HDTV) IF and OFDM downconversion.
The board supports standard 6 MHz VHF/
UHF digital terrestrial TV channels in the
38.9 MHz to 45.75 MHz frequency range.
IF gain is controlled using three AC-coupled,
differential amplifier stages, with a feedback
stage controlled by emitter-degeneration.
87C654 microcontroller
Together with an FPGA, the microcontroller
performs basic data, address and control signal
handling, as well power-up and reset functions.
A derivative of the 80C51 microcontroller
family, with the same instruction set, it has a
non-volatile 16 k x 8 EPROM and a volatile
256 x 8 read/write data memory, four 8-bit
I/O ports, two 16-bit timer/event counters,
nested multiple interrupts, an I2C-bus interface
and on-board UART.
The IEC61883 standard
Today, transmission of digital video and audio
data is commonplace, demanding standards to
ensure compatibility of equipment and
interfaces. IEC61883 specifies a digital
interface for consumer electronic audio/video
equipment. As a major contributor to the
IEC61883 protocol Philips has in-depth
expertise in the implementation of IEC61883
over IEEE 1394.
The IEC61883 standard describes the general
packet format, data flow and connection
management for audio/visual data. General
transmission rules for control commands are
also specified, as are the transmission protocol
and control commands for digital audio and
video equipment connecting via the IEEE
1394 interface. Data packetization and
transmission timing for MPEG2 transport
streams transmitted over the IEEE 1394
interface and specifications for the IEEE 1394
packet itself are also covered by IEC61883.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com