Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045PT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MBR3045PT
Description  30A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR3045PT Datasheet(HTML) 2 Page - Diodes Incorporated

  MBR3045PT Datasheet HTML 1Page - Diodes Incorporated MBR3045PT Datasheet HTML 2Page - Diodes Incorporated MBR3045PT Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS23017 Rev. 8 - 2
2 of 3
MBR3030PT - MBR3060PT
www.diodes.com
0.1
1.0
10
V , INSTANTANEOUS F0RWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics, per element
F
100
00.2
0.4
MBR 3030PT - MBR 3045PT
MBR 3050PT - MBR 3060PT
0.6
0.8
T= 25°C
j
2% duty cycle
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
T = 25°C
j
8.3ms Single half-wave
JEDEC Method
100
1000
4000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Total Capacitance
R
T= 25°C
f=1MHz
j
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.5 Typical Reverse Characteristics, per element
T = 125°C
j
T = 75°C
j
T = 25°C
j
100
0
50
100
150
T , CASE TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve, total device
C
0
6
12
18
24
30



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com