Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5441APGF Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5441APGF
Description  TMS320VC5441 Fixed-Point Digital Signal Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5441APGF Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320VC5441APGF Datasheet HTML 36Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 37Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 38Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 39Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 40Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 41Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 42Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 43Page - Texas Instruments TMS320VC5441APGF Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
Functional Overview
40
December 1999 − Revised October 2008
SPRS122F
The selection of the sample rate generator (SRG) clock input source is made by the combination of the CLKSM
and SCLKME bit values as shown in Table 3−7.
Table 3−7. Sample Rate Generator Clock Source Selection
SCLKME
CLKSM
SRG Clock Source
0
0
Reserved
0
1
CPU clock
1
0
BCLKRn pin
1
1
BCLKXn pin
When either of the bidirectional pins, BCLKRn or BCLKXn, is configured as the clock input, its output buffer
is automatically disabled. For example, with SCLKME = 1 and CLKSM = 0, the BCLKRn pin is configured as
the SRG input. In this case, both the transmitter and receiver circuits can be synchronized to the SRG output
by setting PCR[9:8] for CLKXM = 1 and CLKRM = 1. However, the SRG output is only driven onto the BCLKXn
pin because the BCLKR output is automatically disabled.
3.2.3.2
Multichannel Selection
The McBSP supports independent selection of multiple channels for the transmitter and receiver. When
multiple channels are selected, each frame represents a time-division multiplexed (TDM) data stream. In using
time-division multiplexed data streams, the CPU may only need to process a few of them. Thus, to save
memory and bus bandwidth, multichannel selection allows independent enabling of particular channels for
transmission and reception. Up to a maximum of 128 channels in a bit stream can be enabled or disabled.
The 5441 McBSPs have two working modes that are selected by setting the RMCME and XMCME bits in the
multichannel control registers MCR1x and MCR2x, respectively (see Figure 3−16 and Figure 3−17). For a
description of the remaining bits, see TMS320C54x DSP Reference Set, Volume 5: Enhanced Peripherals
(literature number SPRU302).
•
In the first mode, when RMCME = 0 and XMCME = 0, there are two partitions (A and B), with each
containing 16 channels as shown in Figure 3−16 and Figure 3−17. This is compatible with the McBSPs
used in the 5420, where only 32-channel selection is enabled (default).
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
XMC
ME
XPBBLK
XPABLK
XCBLK
XMCM
R,+0
RW,+0
RW,+0
RW,+0
R,+0
RW,+0
LEGEND: R = Read, W = Write, +0 = Value at reset; x = McBSP 0,1, or 2
Figure 3−16. Multichannel Control Register 2 for McBSPx (MCR2x)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
RMC
ME
RPBBLK
RPABLK
RCBLK
RMCM
R,+0
RW,+0
RW,+0
RW,+0
R,+0
RW,+0
LEGEND: R = Read, W = Write, +0 = Value at reset; x = McBSP 0,1, or 2
Figure 3−17. Multichannel Control Register 1 for McBSPx (MCR1x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com