Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD945 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SD945
Description  HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD945 Datasheet(HTML) 1 Page - Diodes Incorporated

  SD945 Datasheet HTML 1Page - Diodes Incorporated SD945 Datasheet HTML 2Page - Diodes Incorporated SD945 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS23026 Rev. 4 - 2
1 of 3
SD930/SD940/SD945
www.diodes.com
ã Diodes Incorporated
·
High Current Capability and Low Forward Drop
·
High Surge Capacity
·
Guard Ring for Transient Protection
·
Low Power Loss, High Efficiency
·
Lead Free Finish, RoHS Compliant (Note 5)
Mechanical Data
·
Case: DO-201AD
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish
¾ Bright Tin. Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode band
·
Mounting Position: Any
·
Ordering Information: See Last Page
·
Weight: 1.1 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
1. Pulse width
£ µs - Duty Cycle £ 2%.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V.
3. Device mounted to heat sink with 1/8" lead length.
4. Thermal Resistance from Junction to Lead Vertical PC Board Mounting, 9.5mm Lead Length.
5. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
SD930 / SD940 / SD945
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
Features
DO-201AD
Dim
Min
Max
A
25.40
—
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
Characteristic
Symbol
SD930
SD940
SD945
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
40
45
V
Maximum Average Forward Current
@ TC = 120°C
(Note 2)
IO
9.0
A
Maximum Peak One-Cycle
@ 5µs Sine Wave
Surge Current
@ 10ms Sine Wave
IFSM
2150
340
A
Forward Voltage (Note 1)
@ IF = 9.0A, TJ = 25°C
@ IF = 9.0A, TJ = 125°C
@ IF = 18A, TJ = 25°C
@ IF = 18A, TJ = 125°C
VFM
0.48
0.42
0.57
0.52
V
Voltage Rate of Change
dv/dt
10,000
V/µs
Peak Reverse Current
@TJ =
25°C
at Rated DC Blocking Voltage (Note 1)
@ TJ = 125°C
IRM
0.8
70
mA
Maximum Junction Capacitance (Note 2)
Cj
900
pF
Typical Thermal Resistance Junction to Case (Note 4)
RqJL
8.0
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C


Similar Part No. - SD945

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD945 DIODES-SD945 Datasheet
63Kb / 3P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. C-2
SD945 DIODES-SD945 Datasheet
105Kb / 3P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 5 - 2
More results

Similar Description - SD945

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD930 DIODES-SD930 Datasheet
63Kb / 3P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. C-2
SR102 DIODES-SR102 Datasheet
149Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23002 Rev. 5 - 3
SR302 DIODES-SR302 Datasheet
65Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23025 Rev. 5 - 3
SR502 DIODES-SR502 Datasheet
64Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23005 Rev. E-3
SD930 DIODES-SD930_08 Datasheet
105Kb / 3P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 5 - 2
SR306-T DIODES-SR306-T Datasheet
65Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
Rev erse
SR104-T DIODES-SR104-T Datasheet
48Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
New Jersey Semi-Conduct...
SR102 NJSEMI-SR102 Datasheet
218Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
SR302 NJSEMI-SR302 Datasheet
210Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
SR502 NJSEMI-SR502 Datasheet
212Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com