Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1AF Datasheet(PDF) 3 Page - RFE international

Part # F1AF
Description  Surface Mount Fast Recovery Rectifier F1AF Through F1MF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

F1AF Datasheet(HTML) 3 Page - RFE international

  F1AF Datasheet HTML 1Page - RFE international F1AF Datasheet HTML 2Page - RFE international F1AF Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
F1AF-F1MF
X07
Approximate 0.034
3000
12000
96000
7” reel
F1AF-F1MF
Omit for Standard
Approximate 0.034
10000
20000
160000
13” reel
SMAF
Dim
Min
Max
A
2.40
2.80
B
1.35
1.45
C
3.40
3.60
D
4.40
4.80
E
1.05
1.25
F
0.50
1.00
G
0.15
0.22
Dimensions in millimeters
SMAF
C
E
F
G
D
B
A
Surface Mount Fast Recovery Rectifier
F1AF Through F1MF
PACKAGING INFORMATION
OUTLINE DIMENSIONS
S-S032
07-10-2020
SUGGESTED PAD LAYOUT
SMAF
Dim
Millimeters
P1
6.50
P2
4.00
P3
1.50
Q1
2.50
Q2
1.70
Dimensions in millimeters
P2
Q2
Q1
P1
P3
Page 3 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com