Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1GF Datasheet(PDF) 1 Page - RFE international

Part # F1GF
Description  Surface Mount Fast Recovery Rectifier F1AF Through F1MF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

F1GF Datasheet(HTML) 1 Page - RFE international

  F1GF Datasheet HTML 1Page - RFE international F1GF Datasheet HTML 2Page - RFE international F1GF Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
● Low profile package
● Ideal for automated placement
● Glass passivated chip junction
● High forward surge capability
● Fast reverse recovery time
● Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
For use in high frequency rectification of power
supplies, inverters, converters, and freewheeling diodes for
consumer, and telecommunication.
● Package: SMAF
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant, halogen-free
● Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
● Polarity: Cathode line denotes the cathode end
(Ta=25°CUnless otherwise specified)
PARAMETER
SYMBOL
UNIT
F1AF
F1BF
F1DF
F1GF
F1JF
F1KF
F1MF
Device marking code
F1AF
F1BF
F1DF
F1GF
F1JF
F1KF
F1MF
Repetitive peak reverse voltage
VRRM
V
50
100
200
400
600
800
1000
Average rectified output current
@60Hz sine wave, resistance load, TL (Fig.1)
IO
A
1.0
Surge(non-repetitive)forward current
@60Hz half-sine wave,1 cycle, Ta=25
°C
IFSM
A
30
Storage temperature
Tstg
°C
-55~+150
Junction temperature
Tj
°C
-55~+150
(Ta=25°CUnless otherwise specified)
PARAMETER
SYMBOL
UNIT
TEST
CONDITIONS
F1AF
F1BF
F1DF
F1GF
F1JF
F1KF
F1MF
Maximum instantaneous
forward voltage drop per diode
VF
V
IFM=1.0A
1.3
Maximum reverse recovery time
trr
ns
IF=0.5A,IR=1.0A,
Irr=0.25A
150
250
500
Maximum DC reverse current
at rated DC blocking voltage
per diode @ VRM=VRRM
IRRM
μA
Ta=25°C
5.0
Ta=125°C
100
Surface Mount Fast Recovery Rectifier
F1AF Through F1MF
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
S-S032
07-10-2020
(Ta=25°CUnless otherwise specified)
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
UNIT
F1AF
F1BF
F1DF
F1GF
F1JF
F1KF
F1MF
Thermal resistance
RθJ-A(1)
°C
/W
701)
RθJ-L(1)
251)
Page 1 of 3
Note: (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com


Similar Part No. - F1GF

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
F1GF YANGJIE-F1GF Datasheet
101Kb / 2P
Fast Recovery Rectifier Diode
logo
RFE international
F1GFS RFE-F1GFS Datasheet
1Mb / 3P
Surface Mount Fast Recovery Rectifier F1AFS Through F1MFS
07-13-2020
More results

Similar Description - F1GF

ManufacturerPart #DatasheetDescription
logo
RFE international
F15A RFE-F15A Datasheet
1Mb / 3P
Surface Mount Fast Recovery Rectifier F15A Through F15M
07-13-2020
F1AFS RFE-F1AFS Datasheet
1Mb / 3P
Surface Mount Fast Recovery Rectifier F1AFS Through F1MFS
07-13-2020
F2AF RFE-F2AF Datasheet
2Mb / 3P
Surface Mount Fast Recovery Rectifier F2AF Through F2MF
07-2-2020
F3AF RFE-F3AF Datasheet
2Mb / 3P
Surface Mount Fast Recovery Rectifier F3AF Through F3MF
07-23-2020
GR1A RFE-GR1A Datasheet
2Mb / 3P
Surface Mount Fast Recovery Rectifier GR1A Through GR1M
07-24-2020
GR1AB RFE-GR1AB Datasheet
2Mb / 3P
Surface Mount Fast Recovery Rectifier GR1AB Through GR1MB
07-24-2020
GR2A RFE-GR2A Datasheet
2Mb / 3P
Surface Mount Fast Recovery Rectifier GR2A Through GR2M
07-24-2020
GR2AA RFE-GR2AA Datasheet
2Mb / 3P
Surface Mount Fast Recovery Rectifier GR2AA Through GR2MA
07-30-2020
GR3AB RFE-GR3AB Datasheet
2Mb / 3P
Surface Mount Fast Recovery Rectifier GR3AB Through GR3MB
07-22-2020
GR5A RFE-GR5A Datasheet
2Mb / 3P
Surface Mount Fast Recovery Rectifier GR5A Through GR5M
07-30-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com