Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G1AFS Datasheet(PDF) 2 Page - RFE international

Part # G1AFS
Description  Surface Mount General Purpose Rectifier G1AFS Through G1MFS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

G1AFS Datasheet(HTML) 2 Page - RFE international

  G1AFS Datasheet HTML 1Page - RFE international G1AFS Datasheet HTML 2Page - RFE international G1AFS Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
■
Surface Mount General Purpose Rectifier
G1AFS Through G1MFS
CHARACTERISTICS (TYPICAL)
S-S1314
07-13-2020
Page 2 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
■
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
G1AFS-G1MFS
XO7
Approximate 0.034
3000
12000
96000
7” reel
G1AFS-G1MFS
Omit for Standard Approximate 0.034
10000
20000
160000
13” reel
PACKAGING INFORMATION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com