Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2DF Datasheet(PDF) 1 Page - RFE international

Part # G2DF
Description  Surface Mount Tension Resolution G2AF Through G2MF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

G2DF Datasheet(HTML) 1 Page - RFE international

  G2DF Datasheet HTML 1Page - RFE international G2DF Datasheet HTML 2Page - RFE international G2DF Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
● Low profile package
● Ideal for automated placement
● Glass passivated chip junction
● High forward surge capability
● Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
For use in general purpose rectification of power
supplies, inverters, converters, and freewheeling diodes for
consumer, and telecommunication.
● Package: SMAF
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant, halogen-free
● Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
● Polarity: Cathode line denotes the cathode end
■
(Ta=25 Unless otherwise specified)
PARAMETER
SYMBOL UNIT
G2AF
G2BF
G2DF
G2GF
G2JF
G2KF
G2MF
Device marking code
G2AF
G2BF
G2DF
G2GF
G2JF
G2KF
G2MF
Repetitive peak reverse voltage
VRRM
V
50
100
200
400
600
800
1000
Average rectified output current
@60Hz sine wave, resistance load, TL (Fig.1)
IO
A
2.0
Surge(non-repetitive)forward current
@60Hz half-sine wave,1 cycle, Ta=25
°C
IFSM
A
50
Storage temperature
Tstg
°C
-55~+150
Junction temperature
Tj
-55~+150
■
(Ta=25°C Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
TEST
CONDITIONS
G2AF
G2BF
G2DF
G2GF
G2JF
G2KF
G2MF
Maximum instantaneous
forward voltage drop per diode
VF
V
IFM=2.0A
1.1
Maximum DC reverse current
at rated DC blocking voltage
per diode @ VRM=VRRM
IRRM
μA
Ta=25°C
5.0
Ta=125°C
100
°C
°C
Surface Mount Tension Resolution
G2AF Through G2MF
■
■
■
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS
TYPICAL CHARACTERISTICS
S-S038
07-14-2020
Page 1 of 3
■
(Ta=25°C Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
G2AF
G2BF
G2DF
G2GF
G2JF
G2KF
G2MF
Thermal resistance
RθJ-A(1)
°C/W
651)
RθJ-L(1)
251)
THERMAL CHARACTERISTICS
Note:
(1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas


Similar Part No. - G2DF

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
G2DF MIC-G2DF Datasheet
85Kb / 3P
SURFACE MOUNT SILICON RECTIFIERS
More results

Similar Description - G2DF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
45GR10KLFXX BITECH-45GR10KLFXX Datasheet
62Kb / 5P
4mm Square High Resolution - 15 Turn Surface Mount Cermet Trimming Potentiometer
logo
List of Unclassifed Man...
EF85 ETC2-EF85 Datasheet
359Kb / 4P
PENTODE DE TENSION
logo
MolexKits
76650-0236 MOLEXKITS-76650-0236 Datasheet
24Kb / 3P
PCB Through Hole, SMT (Surface Mount Technology)
76650-0237 MOLEXKITS-76650-0237 Datasheet
23Kb / 3P
PCB Through Hole, SMT (Surface Mount Technology)
logo
Richco, Inc.
TCG1-2.500-23 RICHCO-TCG1-2.500-23 Datasheet
36Kb / 1P
TENSION CARD GUIDE
TCGVM1-2.500-23 RICHCO-TCGVM1-2.500-23 Datasheet
48Kb / 1P
TENSION CARD GUIDE VERTICAL MOUNT
logo
Molex Electronics Ltd.
130127-0007 MOLEX2-130127-0007 Datasheet
44Kb / 1P
Super-Safeway짰 Receptacle Tension Tester & Receptacle Tension Tester
logo
Weidmuller
1706010000 WEIDMULLER-1706010000 Datasheet
99Kb / 4P
Feed-through terminal, 2.5 mm짼, Tension clamp connection
logo
Mill-Max Mfg. Corp.
917-47-108-41-005000 MILL-MAX-917-47-108-41-005000 Datasheet
452Kb / 1P
SERIES 917 ??SURFACE AND THROUGH-HOLE MOUNT
logo
Weidmuller
7904180000 WEIDMULLER-7904180000 Datasheet
501Kb / 13P
Feed-through terminal, Tension-clamp connection, 4 mm짼
November 9, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com