Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G1MFS Datasheet(PDF) 1 Page - RFE international

Part # G1MFS
Description  Surface Mount General Purpose Rectifier G1AFS Through G1MFS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

G1MFS Datasheet(HTML) 1 Page - RFE international

  G1MFS Datasheet HTML 1Page - RFE international G1MFS Datasheet HTML 2Page - RFE international G1MFS Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNIT
● Low profile package
● Ideal for automated placement
● Glass passivated chip junction
● High forward surge capability
● Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
For use in general purpose rectification of power
supplies, inverters, converters, and freewheeling diodes for
consumer and telecommunication.
● Package: SMAF
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant, halogen-free
● Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
● Polarity: Cathode line denotes the cathode end
■
(Ta=25 Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
G1AFS
G1BFS
G1DFS
G1GFS
G1JFS
G1KFS
G1MFS
Device marking code
G1AFS
G1BFS
G1DFS
G1GFS
G1JFS
G1KFS
G1MFS
Repetitive peak reverse voltage
VRRM
V
50
100
200
400
600
800
1000
Average rectified output current
@60Hz sine wave, resistance load, TL (Fig.1)
IO
A
1.0
Surge(non-repetitive)forward current
@60Hz Half-sine wave,1 cycle, Ta=25
°C
IFSM
A
30
Storage temperature
Tstg
°C
-55~+150
Junction temperature
Tj
°C
-55~+150
■
(Ta=25°C Unless otherwise specified)
PARAMETER
SYMBOL
TEST
CONDITIONS
G1AFS G1BFS G1DFS G1GFS G1JFS
G1KFS G1MFS
Maximum instantaneous
forward voltage drop per diode
VF
V
IFM=1.0A
1.1
Maximum DC reverse current
at rated DC blocking voltage
per diode @VRM=VRRM
IRRM
μA
Ta=25°C
5.0
Ta=125°C
100
°C
Surface Mount General Purpose Rectifier
G1AFS Through G1MFS
■
■
■
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
S-S1314
07-13-2020
■
PARAMETER
SYMBOL
UNIT
G1AFS
G1BFS
G1DFS
G1GFS
G1JFS
G1KFS G1MFS
Thermal resistance
RθJ-A
°C/W
651)
RθJ-L
251)
THERMAL CHARACTERISTICS (Ta=25 Unless otherwise specified)
°C
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Note:
(1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas


Similar Part No. - G1MFS

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
G1MF YANGJIE-G1MF Datasheet
98Kb / 2P
General Purpose Rectifier
More results

Similar Description - G1MFS

ManufacturerPart #DatasheetDescription
logo
RFE international
G15A RFE-G15A Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier G15A Through G15M
07-14-2020
G1A RFE-G1A Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier G1A Through G1M
07-13-2020
GS1AB RFE-GS1AB Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS1AB Through GS1MB
07-15-2020
GS2A RFE-GS2A Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS2A Through GS2M
07-15-2020
GS2AA RFE-GS2AA Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS2AA Through GS2MA
07-17-2020
GS3AB RFE-GS3AB Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS3AB Through GS3MB
07-17-2020
GS5A RFE-GS5A Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS5A Through GS5M
07-17-2020
GS8A RFE-GS8A Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS8A Through GS8M
07-21-2020
M1F RFE-M1F Datasheet
2Mb / 3P
Surface Mount General Purpose Rectifier M1F Through M7F
09-06-2021
M1G RFE-M1G Datasheet
2Mb / 3P
Surface Mount General Purpose Rectifier M1G Through M7G
09-06-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com