Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2D Datasheet(PDF) 2 Page - RFE international

Part # GS2D
Description  Surface Mount General Purpose Rectifier GS2A Through GS2M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

GS2D Datasheet(HTML) 2 Page - RFE international

  GS2D Datasheet HTML 1Page - RFE international GS2D Datasheet HTML 2Page - RFE international GS2D Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface Mount General Purpose Rectier
GS2A Thru GS2M
■ CHARACTERISTICS (TYPICAL)
Surface Mount General Purpose Rectifier
GS2A Through GS2M
(SMB)
Page 2 of 3
S-S348
07-15-2020
■ PACKAGING INFORMATION
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
GS2A-GS2M
Omit for Standard Approximate 0.096
3000
6000
48000
13” reel
GS2A-GS2M
X07
Approximate 0.096
750
3000
24000
7” reel
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com