Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS8A Datasheet(PDF) 1 Page - RFE international

Part # GS8A
Description  Surface Mount General Purpose Rectifier GS8A Through GS8M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

GS8A Datasheet(HTML) 1 Page - RFE international

  GS8A Datasheet HTML 1Page - RFE international GS8A Datasheet HTML 2Page - RFE international GS8A Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
•
High efficiency
•
High current capability
•
High reliability
•
High surge current capability
•
Low power loss
•
Solder Dip 260°C max. 10 s, per JESD 22-B106
MECHANICAL DATA
•
Package: DO-
Molding compound meets UL 94 V-0 flammability rating,
RoHS-compliant
• Terminals: Tin plated leads, solderable per J-STD-
002 and JESD22-B102
• Polarity:Color band denotes cathode end
(Ta=25°C Unless otherwise specified)
PARAMETER
SYMBOL UNIT
GS8A
GS8B
GS8D
GS8G
GS8J
GS8K
GS8M
Device marking code
GS8A
GS8B
GS8D
GS8G
GS8J
GS8K
GS8M
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400
600
800
1000
Average Rectified Output Current
@60Hz sine wave, Resistance load, Ta (FIG.1)
IO
A
8.0
Forward Surge Current (Non-repetitive)
@60Hz Half-sine wave,1 cycle, Ta=25
°C
IFSM
A
200
Storage Temperature
Tstg
°C
-55 ~+150
Junction Temperature
Tj
°C
-55 ~+150
(Ta=25°C Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST CONDITIONS
GS8A
GS8B
GS8D
GS8G
GS8J
GS8K
GS8M
Maximum instantaneous
forward voltage drop per diode
VF
V
IFM=8.0A
1.1
Maximum DC reverse current
at rated DC blocking voltage
per diode
IR
μA
Ta=25
°C
10
Ta=100
°C
50
Typical junction capacitance
Cj
pF
Measured at 1MHZ
and Applied Reverse
Voltage of 4.0 V.D.C.
60
(Ta=25°C Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
GS8A
GS8B
GS8D
GS8G
GS8J
GS8K
GS8M
Thermal
Resistance
Junction to ambient
RθJ-A
°C
/W
451)
Junction to lead
RθJ-L
121)
Surface Mount General Purpose Rectifier
GS8A Through GS8M
(SMC)
MECHANICAL RATINGS
ELECTRICAL CHARACTERISTICS
THERMAL CHARACTERISTICS
S-S379
07-21-2020
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Note(1)Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.6" x 0.6" (16 mm x 16 mm) copper pad areas
PACKAGING INFORMATION
PREFERED P/N
PACKAGE
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
GS8A~GS8M
Omit for Standard Approximate 0.261
3000
6000
42000
13” reel


Similar Part No. - GS8A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GS8AQ YANGJIE-GS8AQ Datasheet
224Kb / 4P
Surface Mount General Purpose Rectifier
More results

Similar Description - GS8A

ManufacturerPart #DatasheetDescription
logo
RFE international
G15A RFE-G15A Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier G15A Through G15M
07-14-2020
G1A RFE-G1A Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier G1A Through G1M
07-13-2020
G1AFS RFE-G1AFS Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier G1AFS Through G1MFS
07-13-2020
GS1AB RFE-GS1AB Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS1AB Through GS1MB
07-15-2020
GS2A RFE-GS2A Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS2A Through GS2M
07-15-2020
GS2AA RFE-GS2AA Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS2AA Through GS2MA
07-17-2020
GS3AB RFE-GS3AB Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS3AB Through GS3MB
07-17-2020
GS5A RFE-GS5A Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS5A Through GS5M
07-17-2020
M1F RFE-M1F Datasheet
2Mb / 3P
Surface Mount General Purpose Rectifier M1F Through M7F
09-06-2021
M1G RFE-M1G Datasheet
2Mb / 3P
Surface Mount General Purpose Rectifier M1G Through M7G
09-06-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com