Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS5D Datasheet(PDF) 2 Page - RFE international

Part # GS5D
Description  Surface Mount General Purpose Rectifier GS5A Through GS5M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

GS5D Datasheet(HTML) 2 Page - RFE international

  GS5D Datasheet HTML 1Page - RFE international GS5D Datasheet HTML 2Page - RFE international GS5D Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PREFERED P/N
PACKAGE
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
GS5A~GS5M
Omit for Standard
Approximate 0.254
3000
6000
42000
13” reel
PACKAGING INFORMATION
CHARACTERISTICS (TYPICAL)
Surface Mount General Purpose Rectifier
GS5A Through GS5M
(SMC)
S-S057
07-17-2020
Page 2 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
50
Resistive or Inductive Load
P.C.B. Mounted on 0.3"×0.3"
(8.0mm×8.0mm)Copper Pad Areas
0
70
90
110
130
150
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Lead Temperature ( )
FIG.1: Io-TL Curve
8.3ms Single Half Sine Wave
JEDEC Method
1
2
4
6 8 10
20
40 60 80 100
30
120
0
60
90
Number of Cycles
FIG.2: Forward Surge Currrent Capability
0.001
0.01
0
20
40
60
80
100
0.1
1.0
10
100
FIG.4: Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
Tj=100
Tj=125
Tj=25
Instantaneous Forward Voltage (V)
FIG.3: Forward Voltage
TJ=25
Pulse width=300us
1% Duty Cycle
0.01
0.6
0.8
1.0
1.2
1.4
0.1
100
1.0
10
2.0
1.6
1.8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com