Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2304G-AE3-R Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # UT2304G-AE3-R
Description  N-Channel 30-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UT2304G-AE3-R Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  UT2304G-AE3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UT2304G-AE3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UT2304G-AE3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UT2304G-AE3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UT2304G-AE3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UT2304G-AE3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UT2304G-AE3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UT2304G-AE3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd UT2304G-AE3-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
DC/DC Converter
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
30
0.0
30 at V
GS = 10 V
6.5
4.5 nC
0.0
33 at V
GS = 4.5 V
6.0
G
S
D
Top View
2
3
TO-236
(SOT-23)
1
N-Channel MOSFET
G
D
S
Notes:
a. Package limited
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 130 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
6.5a
A
TC = 70 °C
6.0
TA = 25 °C
5.3
TA = 70 °C
5.0
Pulsed Drain Current
IDM
25
Continuous Source-Drain Diode Current
TC = 25 °C
IS
1.4
TA = 25 °C
0.9b, c
Maximum Power Dissipation
TC = 25 °C
PD
1.7
W
TC = 70 °C
1.1
TA = 25 °C
1.1b, c
TA = 70 °C
0.7b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
90
115
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
60
75
UT2304G-AE3-R
www.VBsemi.com
服务热线:400-655-8788


Similar Part No. - UT2304G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT2304G-AE3-R UTC-UT2304G-AE3-R Datasheet
229Kb / 5P
N-CHANNEL ENHANCEMENT MODE
UT2304G-AE3-R UTC-UT2304G-AE3-R Datasheet
227Kb / 5P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT2304G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com