Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1482AL-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # P1482AL-SH2-R
Description  2A, 18V, 365KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1482AL-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  P1482AL-SH2-R Datasheet HTML 1Page - Unisonic Technologies P1482AL-SH2-R Datasheet HTML 2Page - Unisonic Technologies P1482AL-SH2-R Datasheet HTML 3Page - Unisonic Technologies P1482AL-SH2-R Datasheet HTML 4Page - Unisonic Technologies P1482AL-SH2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P1482A
LINEARINTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
3 of 5
www.unisonic.com.tw
QW-R115-001.E
ABSOLUTE MAXIMUM RATING (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
-0.3~+18
V
Switch Node Voltage
VSW
18
V
All Other Pins
-0.3~+6
V
Continuous Power Dissipation
PD
Internally Limited
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
143
°C/W
Note: Surface mounted on 1 in
2 copper pad of FR4 board.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATING
UNIT
Input Voltage
VIN
6~18
V
Output Voltage
VOUT
0.923~15
V
Ambient Operating Temperature
TOPR
-40~+85
°C
Note: The device is not guaranteed to function outside of its operating conditions.
ELECTRICAL CHARACTERISTICS (V
IN=12V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Current
VEN=2.0V, VFB=1.0V
3.5
5
mA
Feedback Voltage
VFB
6V
≤VIN ≤18V
0.900 0.923 0.946
V
High-Side Switch On Resistance (Note 1)
RDS(ON)1
110
mΩ
Low-Side Switch On Resistance (Note 1)
RDS(ON)2
100
mΩ
High-Side Switch Leakage Current
VEN=0V, VSW=0V
10
μA
Upper Switch Current Limit
Minimum Duty Cycle
2.4
3.4
A
Lower Switch Current Limit
From Drain to Source
1.1
A
COMP to Current Sense
Transconductance
GCS
5
A/V
Oscillation Frequency
FOSC1
300
365
430
KHz
Short Circuit Oscillation Frequency
FOSC2
VFB=0V
40
KHz
Maximum Duty Cycle
DMAX
VFB=1.0V
92
%
EN Shutdown Threshold Voltage
VEN Rising
0.7
0.9
2.0
V
Input Under Voltage Lockout Threshold
VIN Rising
4
V
Soft-Start Current
VSS=0V
15
μA
Thermal Shutdown (Note)
160
°C
Note: Guaranteed by design, not tested.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com