Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05123L-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UD05123L-AF5-R
Description  2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05123L-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UD05123L-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD05123L-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD05123L-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD05123L-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UD05123
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R115-021.E
MARKING
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
EN
Enable pin
H: Normal operation;L: Shutdown
2
GND
Ground Pin
3
SW
Switch output pin. Connect external inductor here. Minimize trace area at this pin to
reduce EMI.
4
VIN
Power Supply Input Pin
5
FB
Output Feedback pin
BLOCK DIAGRAM
FB
EN
5
1
+
-
-
+
OSC
SLOPE
COMP
SET
PWM
+
-
ISENSE
AMP
VIN
4
SW
3
GND
2
+
-
IZERO
COMP
OVERLAP
CONTROL
NON-
REF
Soft-Star
ICOMP
RESET
Enable Logic
Over-Temperature
and Short-Circuit
Protection
0.6V
LOGIC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com