Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD052012L-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UD052012L-AF5-R
Description  HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD052012L-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UD052012L-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD052012L-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD052012L-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD052012L-AF5-R Datasheet HTML 4Page - Unisonic Technologies UD052012L-AF5-R Datasheet HTML 5Page - Unisonic Technologies UD052012L-AF5-R Datasheet HTML 6Page - Unisonic Technologies UD052012L-AF5-R Datasheet HTML 7Page - Unisonic Technologies UD052012L-AF5-R Datasheet HTML 8Page - Unisonic Technologies UD052012L-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UD052012
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R115-039.a
FUNCTION DESCRIPTION
The UD052012 is a high efficiency, internal compensation and constant frequency current mode step-down
synchronous DC/DC regulator. It has integrated high-side (140mΩ, typ) and low-side (90mΩ, typ) power switches,
and provides 2A continuous load current. It regulates input voltage from 2.5V to 6V, and down to an output voltage
as low as 0.6V.
Control Loop
Slope compensated current mode PWM control provides stable switching and cycle-by-cycle current limit for
superior load, line response, protection of the internal main switch and synchronous rectifier. The UD052012
switches at a constant frequency (1MHz) and regulates the output voltage. During each cycle, the PWM comparator
modulates the power transferred to the load by changing the inductor peak current based on the feedback error
voltage. During normal operation, the main switch is turned on for a certain time to ramp the inductor current at each
rising edge of the internal oscillator, and switched off when the peak inductor current is above the error voltage.When
the main switch is off, the synchronous rectifier will be turned on immediately and stay on until next cycle starts.
Enable
The UD052012 EN pin provides digital control to turn on/off the regulator. When the voltage of EN exceeds the
threshold voltage, the regulator will start the soft start function. If the EN pin voltage is below the shutdown threshold
voltage, the regulator will turn into the shutdown mode and the shutdown current will be smaller than 1μA. For auto
start-up operation, connect EN to VIN.
Soft Start
The UD052012 employs internal soft start function to reduce input inrush current during start up. The internal soft
start time will be 1ms.
Under Voltage Lockout
When the UD052012 is power on, the internal circuits will be held inactive until VIN voltage exceeds the UVLO
threshold voltage. And the regulator will be disabled when VIN is below the UVLO threshold voltage. The hysteretic of
the UVLO comparator is 200mV (typ).
Short Circuit Protection
The UD052012 provides short circuit protection function to prevent the device damaged from short condition.
When the short condition occurs and the feedback voltage drops lower than 40% of the regulation level, the oscillator
frequency will be reduced and hiccup mode will be triggered to prevent the UD052012 from overheating during the
extended short condition. Once the short condition is removed, the frequency and current limit will return to normal.
Over Current Protection
The UD052012 over current protection function is implemented by using cycle-by-cycle current limit architecture.
The inductor current is monitored by measuring the high-side MOSFET series sense resistor voltage. When the load
current increases, the inductor current will also increase. When the peak inductor current reaches the current limit
threshold, the output voltage will start to drop. When the over current condition is removed, the output voltage will
return to the regulated value.
Over Temperature Protection
The UD052012 incorporates an over temperature protection circuit to protect itself from overheating. When the
junction temperature exceeds the thermal shutdown threshold temperature, the regulator will be shutdown. And the
hysteretic of the over temperature protection is 30°C (typ).
PG Signal Output
PG pin is an open-drain output and requires a pull up resistor. PG is actively held low in soft-start, standby and
shutdown. It is released when the output voltage rises above 90% of nominal regulation point.
Input Over Voltage Protection
The UD052012 supports input over voltage protection. When input voltage exceeds the input over Voltage
threshold, the regulator will be shutdown unless the input over voltage is removed. The hysteretic of the input OVP
comparator is 300mV (typ).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com