Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD052012G-AF5-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UD052012G-AF5-R
Description  HIGH EFFICIENCY 1MHz 2A SYNCHRONOUS STEP DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD052012G-AF5-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UD052012G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD052012G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD052012G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD052012G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UD052012G-AF5-R Datasheet HTML 5Page - Unisonic Technologies UD052012G-AF5-R Datasheet HTML 6Page - Unisonic Technologies UD052012G-AF5-R Datasheet HTML 7Page - Unisonic Technologies UD052012G-AF5-R Datasheet HTML 8Page - Unisonic Technologies UD052012G-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UD052012
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R115-039.a
APPLICATION INFORMATION (Cont.)
PCB Layout Recommendation
The device’s performance and stability are dramatically affected by PCB layout. It is recommended to follow these
general guidelines shown as below:
1. Place the input capacitors and output capacitors as close to the device as possible. The traces which connect to
these capacitors should be as short and wide as possible to minimize parasitic inductance and resistance.
2.Place feedback resistors close to the FB pin.
3. Keep the sensitive signal (FB) away from the switching signal (LX).
4. Multi-layer PCB design is recommended.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com