Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD05208G-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UD05208G-AF5-R
Description  1.5MHz, 2A, V SYNCHRONOUS STEP-DOWN CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD05208G-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UD05208G-AF5-R Datasheet HTML 1Page - Unisonic Technologies UD05208G-AF5-R Datasheet HTML 2Page - Unisonic Technologies UD05208G-AF5-R Datasheet HTML 3Page - Unisonic Technologies UD05208G-AF5-R Datasheet HTML 4Page - Unisonic Technologies UD05208G-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UD05208
Preliminary
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
3 of 5
www.unisonic.com.tw
QW-R115-028.c
ABSOLUTE MAXIMUM RATING (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Voltage range
VIN
7
V
EN Pin Voltage
VEN
7
V
Feedback Pin Voltage
VFB
3.6
V
Switch Pin Voltage
VSW
VIN+0.3
V
Junction Temperature
TJ
-20 ~ +85
°C
Operation Temperature Range
TOPR
-20 ~ +85
°C
Storage Temperature Range
TSTG
-20 ~ +85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
208
°C/W
ELECTRICAL CHARACTERISTICS (V
IN=VEN=3.6V, VOUT=1.8V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
VIN
2.7
5.5
V
Quiescent current into VIN pin
IQ
Close Loop, IOUT=0A
50
uA
Under voltage lock out
VUVLO
2.2
V
Logic High-level input voltage
VIH
0.85
V
Logic Low-level input voltage
VIL
0.8
V
Shutdown current into VIN pin
ISD
1
μA
EN leakage current
IEN,LKG
1
μA
Feedback regulation voltage
VFB
0.6
V
High-side FET on resistance
RDS(on)
IOUT=500mA,VIN=3.6V
130
m
Ω
Low-side FET on resistance
IOUT=500mA,VIN=3.6V
90
m
Ω
Low-side FET valley current limit
ILIM, LS
2.0
A
High-side FET peak current limit
ILIM, HS
3.6
A
Switching frequency
fSW
ILOAD=1A
1.5
MHz
Thermal Shutdown Threshold
TSD
160
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com