Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD24202L-AG6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UD24202L-AG6-R
Description  2A, 24V, 1.4MHz STEP-DOWN CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD24202L-AG6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UD24202L-AG6-R Datasheet HTML 1Page - Unisonic Technologies UD24202L-AG6-R Datasheet HTML 2Page - Unisonic Technologies UD24202L-AG6-R Datasheet HTML 3Page - Unisonic Technologies UD24202L-AG6-R Datasheet HTML 4Page - Unisonic Technologies UD24202L-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UD24202
Advance
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
2 of 5
www.unisonic.com.tw
QW-R221-051.b
MARKING
UDX22
1
2
3
4
5
6
PIN CONFIGURATION
BST
GND
FB
SW
VIN
EN
1
2
3
5
4
6
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
BST
High-Side Gate Drive Boost Input. BS supplies the drive for the high-side
N-Channel MOSFET
switch. Connect a 0.01μF or greater capacitor from SW to
BST to power the high side switch.
2
GND
Ground.
3
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin
sets the output voltage. To prevent current limit run away during a short circuit fault
condition, the frequency foldback comparator lowers the oscillator frequency when
the FB voltage is below 250mV.
4
EN
On/Off Control Input. Pull EN above 1.2V to turn the device on. For automatic
enable, connect a 100kΩ resistor between this pin and Vin pin.
5
VIN
Supply Voltage. The UD24202 operates from a +4.5V to +24V unregulated input.
C1 is needed to prevent large voltage spikes from appearing at the input.
6
SW
Power Switching Output. SW is the switching node that supplies power to the
output. Connect the output LC filter from SW to the output load. Note that a
capacitor is required from SW to BS to power the high-side switch.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com