Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD32121G-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UD32121G-AG6-R
Description  1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD32121G-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UD32121G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UD32121G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UD32121G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UD32121G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UD32121G-AG6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UD32121
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R115-036.E
BLOCK DIAGRAM
DRIVER
S
R
R
Q
REGULATOR
Σ
REFERENCE
REGULATOR
OSCILATOR
1.4MHz/290KHz
RAMP
GENERATOR
Current Sense Amplifier
RSEN
25mΩ
D
M1
Current Limit Comparator
PWM
Comparator
Error
Amplifier
1pF
27pF
400kΩ
SW
BST
GND
FB
EN
IN
x20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com