Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS2A Datasheet(PDF) 1 Page - RFE international

Part # HS2A
Description  Surface Mount High Efficienct Rectifier HS2A Through HS2M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

HS2A Datasheet(HTML) 1 Page - RFE international

  HS2A Datasheet HTML 1Page - RFE international HS2A Datasheet HTML 2Page - RFE international HS2A Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount High Efficienct Rectifier
HS2A Through HS2M
(SMB)
S-S065
07-22-2020
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
THERMAL CHARACTERISTICS
Unless Otherwise Specified)
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Note:


Similar Part No. - HS2A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS2A TSC-HS2A Datasheet
54Kb / 2P
2.0 AMPS. High Efficient Surface Mount Rectifiers
HS2A TSC-HS2A Datasheet
267Kb / 2P
2.0 AMPS. High Efficient Surface Mount Rectifiers
logo
GOOD-ARK Electronics
HS2A GOOD-ARK-HS2A Datasheet
179Kb / 2P
High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
logo
Taiwan Semiconductor Co...
HS2A TSC-HS2A Datasheet
564Kb / 2P
2.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HS2A YANGJIE-HS2A Datasheet
145Kb / 2P
High Efficient Rectifier
More results

Similar Description - HS2A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TPAU3D TSC-TPAU3D Datasheet
371Kb / 4P
3A, 200V - 600V Avalanche High Efficienct Recovery Surface Mount Rectifiers
logo
RFE international
H1AF RFE-H1AF Datasheet
1Mb / 3P
Surface Mount High Efficient Rectifier H1AF Through H1MF
07-21-2020
H1AFS RFE-H1AFS Datasheet
2Mb / 3P
Surface Mount High Efficiency Rectifier H1AFS Through H1MFS
07-21-2020
H2AF RFE-H2AF Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier H2AF Through H2MF
07-21-2020
HS1A RFE-HS1A Datasheet
2Mb / 3P
Surface Mount High Efficiency Rectifier HS1A Through HS1M
07-21-2020
HS1AB RFE-HS1AB Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier HS1AB Through HS1MB
24-06-2020
HS2AA RFE-HS2AA Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier HS2AA Through HS2MA
07-22-2020
HS3A RFE-HS3A Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier HS3A Through HS3M
07-30-2020
HS3AB RFE-HS3AB Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier HS3AB Through HS3MB
07-30-2020
HS5A RFE-HS5A Datasheet
2Mb / 3P
Surface Mount High Efficient Rectifier HS5A Through HS5M
07-30-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com