Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR1001 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PR1001
Description  1.0A FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR1001 Datasheet(HTML) 3 Page - Diodes Incorporated

  PR1001 Datasheet HTML 1Page - Diodes Incorporated PR1001 Datasheet HTML 2Page - Diodes Incorporated PR1001 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes:
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
DS26008 Rev. 2 - 2
3 of 3
PR1001/L - PR1005/L
www.diodes.com
Ordering Information
Device
Packaging
Shipping
PR1001-A
DO-41
5K/Ammo Pack
PR1001-B
DO-41
1K/Bulk
PR1001-T
DO-41
5K/Tape & Reel, 13-inch
PR1002-A
DO-41
5K/Ammo Pack
PR1002-B
DO-41
1K/Bulk
PR1002-T
DO-41
5K/Tape & Reel, 13-inch
PR1003-A
DO-41
5K/Ammo Pack
PR1003-B
DO-41
1K/Bulk
PR1003-T
DO-41
5K/Tape & Reel, 13-inch
PR1004-A
DO-41
5K/Ammo Pack
PR1004-B
DO-41
1K/Bulk
PR1004-T
DO-41
5K/Tape & Reel, 13-inch
PR1005-A
DO-41
5K/Ammo Pack
PR1005-B
DO-41
1K/Bulk
PR1005-T
DO-41
5K/Tape & Reel, 13-inch
PR1001L-T
A-405
5K/Tape & Reel, 13-inch
PR1002L-T
A-405
5K/Tape & Reel, 13-inch
PR1003L-T
A-405
5K/Tape & Reel, 13-inch
PR1004L-T
A-405
5K/Tape & Reel, 13-inch
PR1005L-T
A-405
5K/Tape & Reel, 13-inch
(Note 5)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com