Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR6002 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PR6002
Description  6.0A FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR6002 Datasheet(HTML) 1 Page - Diodes Incorporated

  PR6002 Datasheet HTML 1Page - Diodes Incorporated PR6002 Datasheet HTML 2Page - Diodes Incorporated PR6002 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS26007 Rev. 3 - 2
1 of 3
PR6001 - PR6005
www.diodes.com
ã Diodes Incorporated
Features
PR6001 - PR6005
6.0A FAST RECOVERY RECTIFIER
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Diffused Junction
·
Fast Switching for High Efficiency
·
High Current Capability and Low Forward Voltage Drop
·
Surge Overload Rating to 300A Peak
·
Low Reverse Leakage Current
·
Lead Free Finish, RoHS Compliant (Note 4)
Mechanical Data
·
Case: R-6
·
Case Material: Molded Plastic
. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Bright Tin. Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Ordering Information: See Last Page
·
Marking: Type Number
·
Weight: 2.1 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PR
6001
PR
6002
PR
6003
PR
6004
PR
6005
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
V
Average Rectified Output Current
(Note 1)
@ TA = 60
°C
IO
6.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
300
A
Forward Voltage
@ IF = 6.0A
VFM
1.2
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 125
°C
IRM
10
150
mA
Reverse Recovery Time (Note 3)
trr
150
250
ns
Typical Junction Capacitance (Note 2)
Cj
140
70
pF
Typical Thermal Resistance Junction to Ambient
RqJA
32
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0 V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25 A. See figure 5.
4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
A
A
B
C
D
R-6
Dim
Min
Max
A
25.40
¾
B
8.60
9.10
C
1.20
1.30
D
8.60
9.10
All Dimensions in mm
SPICE MODEL: PR6001


Similar Part No. - PR6002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR6002 DIODES-PR6002 Datasheet
62Kb / 2P
6.0A FAST RECOVERY RECTIFIER
DS26007 Rev. A1-2
logo
Fuji Electric
PR6002 FUJI-PR6002 Datasheet
679Kb / 1P
6 AMP FAST RECOVERY RECTIFIER
logo
Compact Technology Corp...
PR6002 CTC-PR6002 Datasheet
41Kb / 2P
FAST RECOVERY RECTIFIERS
PR6002 CTC-PR6002 Datasheet
68Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
PR6002 ZSELEC-PR6002 Datasheet
132Kb / 2P
6.0A FAST RECOVERY DIODE
More results

Similar Description - PR6002

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR601 WTE-FR601 Datasheet
51Kb / 3P
6.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR601 DIODES-FR601 Datasheet
57Kb / 2P
6.0A FAST RECOVERY RECTIFIER
DS26004 Rev. C1-3
PR6001 DIODES-PR6001 Datasheet
62Kb / 2P
6.0A FAST RECOVERY RECTIFIER
DS26007 Rev. A1-2
SF61 DIODES-SF61 Datasheet
59Kb / 2P
6.0A SUPER-FAST RECOVERY RECTIFIER
DS24004 Rev. D-3
logo
TAITRON Components Inco...
TUF601 TAITRON-TUF601 Datasheet
162Kb / 6P
6.0A Ultra Fast Recovery Rectifier
TUF601L TAITRON-TUF601L Datasheet
154Kb / 5P
6.0A Ultra Fast Recovery Rectifier
TSF61 TAITRON-TSF61 Datasheet
129Kb / 4P
6.0A Super Fast Recovery Rectifier
TF601L TAITRON-TF601L Datasheet
132Kb / 4P
6.0A Fast Recovery Rectifier
logo
Diodes Incorporated
FR602-T DIODES-FR602-T Datasheet
59Kb / 2P
6.0A FAST RECOVERY RECTIFIER
Rev erse
FR607-T DIODES-FR607-T Datasheet
59Kb / 2P
6.0A FAST RECOVERY RECTIFIER
Rev erse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com