Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR1501S Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PR1501S
Description  1.5A FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR1501S Datasheet(HTML) 3 Page - Diodes Incorporated

  PR1501S Datasheet HTML 1Page - Diodes Incorporated PR1501S Datasheet HTML 2Page - Diodes Incorporated PR1501S Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes:
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
DS26011 Rev. 4 - 2
3 of 3
PR1501/S - PR1505/S
www.diodes.com
Ordering Information
Device
Packaging
Shipping
PR1501S-A
DO-41
5K/Ammo Pack
PR1501S-B
DO-41
1K/Bulk
PR1501S-T
DO-41
5K/Tape & Reel, 13-inch
PR1502S-A
DO-41
5K/Ammo Pack
PR1502S-B
DO-41
1K/Bulk
PR1502S-T
DO-41
5K/Tape & Reel, 13-inch
PR1503S-A
DO-41
5K/Ammo Pack
PR1503S-B
DO-41
1K/Bulk
PR1503S-T
DO-41
5K/Tape & Reel, 13-inch
PR1504S-A
DO-41
5K/Ammo Pack
PR1504S-B
DO-41
1K/Bulk
PR1504S-T
DO-41
5K/Tape & Reel, 13-inch
PR1505S-A
DO-41
5K/Ammo Pack
PR1505S-B
DO-41
1K/Bulk
PR1505S-T
DO-41
5K/Tape & Reel, 13-inch
PR1501-B
DO-15
1K/Bulk
PR1501-T
DO-15
4K/Tape & Reel, 13-inch
PR1502-B
DO-15
1K/Bulk
PR1502-T
DO-15
4K/Tape & Reel, 13-inch
PR1503-B
DO-15
1K/Bulk
PR1503-T
DO-15
4K/Tape & Reel, 13-inch
PR1504-B
DO-15
1K/Bulk
PR1504-T
DO-15
4K/Tape & Reel, 13-inch
PR1505-B
DO-15
1K/Bulk
PR1505-T
DO-15
4K/Tape & Reel, 13-inch
(Note 5)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com