Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47N227 Datasheet(PDF) 4 Page - SMSC Corporation

Part # LPC47N227
Description  100 Pin Super I/O with LPC Interface for Notebook Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N227 Datasheet(HTML) 4 Page - SMSC Corporation

  LPC47N227 Datasheet HTML 1Page - SMSC Corporation LPC47N227 Datasheet HTML 2Page - SMSC Corporation LPC47N227 Datasheet HTML 3Page - SMSC Corporation LPC47N227 Datasheet HTML 4Page - SMSC Corporation LPC47N227 Datasheet HTML 5Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
100 Pin Super I/O with LPC Interface for Notebook Applications
Rev. 03-29-07
Page 4
SMSC DB – LPC47N227
PRODUCT PREVIEW
PACKAGE OUTLINES
FIGURE 1 – 100 PIN TQN LEAD-FREE PACKAGE OUTLINE
MIN
NOMINAL
MAX
REMARK
A
~
~
1.60
Overall Package Height
A1
0.05
~
~
Standoff
A2
1.35
1.40
1.45
Body Thickness
D
15.80
16.00
16.20
X Span
D/2
7.90
8.00
8.10
1/
2 X Span Measure from Centerline
D1
13.90
14.00
14.10
X body Size
E
15.80
16.00
16.20
Y Span
E/2
7.90
8.00
8.10
1/
2 Y Span Measure from Centerline
E1
13.90
14.00
14.10
Y body Size
H
~
~
0.20
Lead Frame Thickness
L
0.45
0.60
0.75
Lead Foot Length from Centerline
L1
~
1.00
~
Lead Length
e
0.50 Basic
Lead Pitch
θ
0
o
~
8
o
Lead Foot Angle
W
~
0.25
~
Lead Width
R1
~
0.20
~
Lead Shoulder Radius
R2
~
0.20
~
Lead Foot Radius
ccc
~
~
0.0762
Coplanarity (Assemblers)
ccc
~
~
0.08
Coplanarity (Test House)
Notes:
1 Controlling Unit: millimeter
2 Tolerance on the position of the leads is ± 0.04 mm maximum.
3 Package body dimensions D1 and E1 do not include the mold protrusion.
Maximum mold protrusion is 0.25 mm.
4 Dimension for foot length L measured at the gauge plane 0.25 mm above the seating plane is 0.78-
1.08 mm.
5 Details of pin 1 identifier are optional but must be located within the zone indicated.
6 Shoulder widths must conform to JEDEC MS-026 dimension 'S' of a minimum of 0.20mm.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com