Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2003-T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PR2003-T
Description  2.0A FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR2003-T Datasheet(HTML) 1 Page - Diodes Incorporated

  PR2003-T Datasheet HTML 1Page - Diodes Incorporated PR2003-T Datasheet HTML 2Page - Diodes Incorporated PR2003-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS26010 Rev. 4 - 2
1 of 3
PR2001 - PR2005
www.diodes.com
ã Diodes Incorporated
PR2001 - PR2005
2.0A FAST RECOVERY RECTIFIER
Features
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
¾
B
5.50
7.62
C
0.686
0.889
D
2.60
3.6
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Diffused Junction
·
Fast Switching for High Efficiency
·
Surge Overload Rating to 50A Peak
·
Low Reverse Leakage Current
·
Lead Free Finish, RoHS Compliant (Note 4)
Mechanical Data
·
Case: DO-15
·
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish – Tin. Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Ordering Information: See Page 3
·
Weight: 0.4 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PR
2001
PR
2002
PR
2003
PR
2004
PR
2005
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 5)
VRRM
VRWM
VR
50
100
200
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
V
Average Rectified Output Current
(Note 1)
@ TA = 50°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
50
A
Forward Voltage
@ IF = 2.0A
VFM
1.2
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 5)
@ TA = 100°C
IRM
5.0
100
m
A
Reverse Recovery Time (Note 3)
trr
150
250
ns
Typical Total Capacitance (Note 2)
CT
35
15
pF
Typical Thermal Resistance Junction to Ambient
RqJA
50
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°
C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0 V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
4. RoHS revision 13.2.2003. High temperature solder exemption applied, see EU Directive Annex Note 7.
5. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - PR2003-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR2003 DIODES-PR2003 Datasheet
61Kb / 2P
2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. A1-2
logo
Compact Technology Corp...
PR2003 CTC-PR2003 Datasheet
45Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
PR2003 ZSELEC-PR2003 Datasheet
134Kb / 2P
2.0A FAST RECOVERY DIODE
logo
Diodes Incorporated
PR2003G DIODES-PR2003G Datasheet
62Kb / 2P
2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. A1-2
PR2003G DIODES-PR2003G Datasheet
373Kb / 3P
2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. 4 - 2
More results

Similar Description - PR2003-T

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR201 WTE-FR201 Datasheet
46Kb / 3P
2.0A FAST RECOVERY RECTIFIER
SFR201 WTE-SFR201 Datasheet
46Kb / 3P
2.0A SOFT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PR2001 DIODES-PR2001 Datasheet
61Kb / 2P
2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. A1-2
SF21 DIODES-SF21 Datasheet
53Kb / 2P
2.0A SUPER-FAST RECOVERY RECTIFIER
DS24002 Rev. D-3
logo
List of Unclassifed Man...
TF201 ETC2-TF201 Datasheet
127Kb / 4P
2.0A Fast Recovery Rectifier
logo
TAITRON Components Inco...
TUF201 TAITRON-TUF201 Datasheet
137Kb / 4P
2.0A Ultra Fast Recovery Rectifier
TF201 TAITRON-TF201 Datasheet
127Kb / 4P
2.0A Fast Recovery Rectifier
logo
Torex Semiconductor
XBF20A20S-G TOREX-XBF20A20S-G Datasheet
227Kb / 5P
2.0A Fast Recovery Rectifier
XBF20A40S-G TOREX-XBF20A40S-G Datasheet
227Kb / 5P
2.0A Fast Recovery Rectifier
XBF20A60S-G TOREX-XBF20A60S-G Datasheet
227Kb / 5P
2.0A Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com