Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR1007 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PR1007
Description  1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR1007 Datasheet(HTML) 3 Page - Diodes Incorporated

  PR1007 Datasheet HTML 1Page - Diodes Incorporated PR1007 Datasheet HTML 2Page - Diodes Incorporated PR1007 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes:
6. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
.
DS27001 Rev. 8 - 2
3 of 3
PR1001G/L - PR1007G/L
www.diodes.com
Ordering Information
Device
Packaging
Shipping
PR1001G-A
DO-41
5K/Ammo Pack
PR1001G-B
DO-41
1K/Bulk
PR1001G-T
DO-41
5K/Tape & Reel, 13-inch
PR1002G-A
DO-41
5K/Ammo Pack
PR1002G-B
DO-41
1K/Bulk
PR1002G-T
DO-41
5K/Tape & Reel, 13-inch
PR1003G-A
DO-41
5K/Ammo Pack
PR1003G-B
DO-41
1K/Bulk
PR1003G-T
DO-41
5K/Tape & Reel, 13-inch
PR1004G-A
DO-41
5K/Ammo Pack
PR1004G-B
DO-41
1K/Bulk
PR1004G-T
DO-41
5K/Tape & Reel, 13-inch
PR1005G-A
DO-41
5K/Ammo Pack
PR1005G-B
DO-41
1K/Bulk
PR1005G-T
DO-41
5K/Tape & Reel, 13-inch
PR1001GL-T
A-405
5K/Tape & Reel, 13-inch
PR1002GL-T
A-405
5K/Tape & Reel, 13-inch
PR1003GL-T
A-405
5K/Tape & Reel, 13-inch
PR1004GL-T
A-405
5K/Tape & Reel, 13-inch
PR1005GL-T
A-405
5K/Tape & Reel, 13-inch
(Note 6)
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com