Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR3003-T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PR3003-T
Description  3.0A FAST RECOVERY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR3003-T Datasheet(HTML) 1 Page - Diodes Incorporated

  PR3003-T Datasheet HTML 1Page - Diodes Incorporated PR3003-T Datasheet HTML 2Page - Diodes Incorporated PR3003-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS26014 Rev. 4 - 2
1 of 3
PR3001 - PR3005
www.diodes.com
ã Diodes Incorporated
PR3001 - PR3005
3.0A FAST RECOVERY RECTIFIER
Features
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Diffused Junction
·
Fast Switching for High Efficiency
·
Surge Overload Rating to 150 A Peak
·
Low Reverse Leakage Current
·
Lead Free Finish, RoHS Compliant (Note 4)
Mechanical Data
·
Case: DO-201AD
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Tin. Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Ordering Information: See Page 3
·
Weight: 1.12 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PR
3001
PR
3002
PR
3003
PR
3004
PR
3005
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 5)
VRRM
VRWM
VR
50
100
200
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
V
Average Rectified Output Current
(Note 1)
@ TA = 90°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
150
A
Forward Voltage
@ IF = 3.0A
VFM
1.2
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 5)
@ TA = 100°C
IRM
5.0
100
m
A
Reverse Recovery Time (Note 3)
trr
150
250
ns
Typical Total Capacitance (Note 2)
CT
50
pF
Typical Thermal Resistance Junction to Ambient
RqJA
15
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°
C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF =0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
4. RoHS revision 13.2.2003. High temperature solder exemption applied, see EU Directive Annex Note 7.
5. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - PR3003-T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR3003 DIODES-PR3003 Datasheet
61Kb / 2P
3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. A1-2
logo
Fuji Electric
PR3003 FUJI-PR3003 Datasheet
727Kb / 1P
3 AMP FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
PR3003 TAYCHIPST-PR3003 Datasheet
4Mb / 2P
FAST RECOVERY RECTIFIER
logo
Compact Technology Corp...
PR3003 CTC-PR3003 Datasheet
61Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
PR3003 ZSELEC-PR3003 Datasheet
135Kb / 2P
3.0A FAST RECOVERY RECTIFIER
More results

Similar Description - PR3003-T

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR301 WTE-FR301 Datasheet
46Kb / 3P
3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR301 DIODES-FR301 Datasheet
57Kb / 2P
3.0A FAST RECOVERY RECTIFIER
DS26003 Rev. C-3
PR3001 DIODES-PR3001 Datasheet
61Kb / 2P
3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. A1-2
logo
List of Unclassifed Man...
TF301 ETC2-TF301 Datasheet
131Kb / 4P
3.0A Fast Recovery Rectifier
logo
TAITRON Components Inco...
MR850 TAITRON-MR850 Datasheet
133Kb / 4P
3.0A Fast Recovery Rectifier
TF301 TAITRON-TF301 Datasheet
131Kb / 4P
3.0A Fast Recovery Rectifier
logo
New Jersey Semi-Conduct...
FR301 NJSEMI-FR301 Datasheet
129Kb / 2P
3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR305-T DIODES-FR305-T Datasheet
50Kb / 2P
3.0A FAST RECOVERY RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
FR301 ZSELEC-FR301 Datasheet
118Kb / 2P
3.0A FAST RECOVERY RECTIFIER
PR3001 ZSELEC-PR3001 Datasheet
135Kb / 2P
3.0A FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com