Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR1501G Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PR1501G
Description  1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR1501G Datasheet(HTML) 2 Page - Diodes Incorporated

  PR1501G Datasheet HTML 1Page - Diodes Incorporated PR1501G Datasheet HTML 2Page - Diodes Incorporated PR1501G Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS27004 Rev. 5 - 2
2 of 3
PR1501G/S - PR1507G/S
www.diodes.com
0
0.4
0.8
1.2
1.6
2.0
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Derating Curve
A
°
Single phase half-wave
60Hz resistive or inductive load
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T= 25 C
j
°
0
20
40
60
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
Pulse Width 8.3ms
Single Half-Sine-Wave
50V DC
Approx
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Total Capacitance
R
T= 25 C
f = 1.0MHz
j
°



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com