Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR3002G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PR3002G
Description  3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PR3002G Datasheet(HTML) 1 Page - Diodes Incorporated

  PR3002G Datasheet HTML 1Page - Diodes Incorporated PR3002G Datasheet HTML 2Page - Diodes Incorporated PR3002G Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS27003 Rev. 6 - 2
1 of 3
PR3001G - PR3007G
www.diodes.com
ã Diodes Incorporated
PR3001G - PR3007G
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Features
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
Fast Switching for High Efficiency
·
Surge Overload Rating to 125A Peak
·
Low Reverse Leakage Current
·
Lead Free Finish, RoHS Compliant (Note 4)
Mechanical Data
·
Case: DO-201AD
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish ¾ Tin. Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Ordering Information: See Last Page
·
Weight: 1.12 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PR
3001G
PR
3002G
PR
3003G
PR
3004G
PR
3005G
PR
3006G
PR
3007G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 5)
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@ TA = 55°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
125
A
Forward Voltage
@ IF = 3.0A
VFM
1.3
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 5)
@ TA = 125°C
IRM
5.0
100
m
A
Reverse Recovery Time (Note 3)
trr
150
250
500
ns
Typical Total Capacitance (Note 2)
CT
50
pF
Typical Thermal Resistance Junction to Ambient
RqJA
32
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°
C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1A, Irr = 0.25A. See figure 5.
4. RoHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7.
5. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - PR3002G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR3002G DIODES-PR3002G Datasheet
61Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27003 Rev. D-2
logo
Zibo Seno Electronic En...
PR3002G ZSELEC-PR3002G Datasheet
136Kb / 2P
3.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results

Similar Description - PR3002G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR3001G DIODES-PR3001G Datasheet
61Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27003 Rev. D-2
S3A DIODES-S3A Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
TAITRON Components Inco...
EGP30A TAITRON-EGP30A Datasheet
146Kb / 4P
3.0A Sintered Glass Passivated Super Fast Recovery Rectifier
RGF3AB TAITRON-RGF3AB Datasheet
175Kb / 6P
3.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP30A TAITRON-RGP30A Datasheet
133Kb / 4P
3.0A Sintered Glass Passivated Fast Recovery Rectifier
TF301G TAITRON-TF301G Datasheet
128Kb / 4P
3.0A Glass Passivated Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
RGP30A ZSELEC-RGP30A Datasheet
86Kb / 2P
3.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR301G ZSELEC-FR301G Datasheet
83Kb / 2P
3.0A GLASS PASSIVATED FAST RECOVERY DIODE
PG300R ZSELEC-PG300R Datasheet
136Kb / 2P
3.0A GLASS PASSIVATED FAST RECOVERY DIODE
PR3001G ZSELEC-PR3001G Datasheet
136Kb / 2P
3.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com