Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C95 Datasheet(PDF) 9 Page - SMSC Corporation

Part # LAN91C95
Description  ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C95 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LAN91C95 Datasheet HTML 5Page - SMSC Corporation LAN91C95 Datasheet HTML 6Page - SMSC Corporation LAN91C95 Datasheet HTML 7Page - SMSC Corporation LAN91C95 Datasheet HTML 8Page - SMSC Corporation LAN91C95 Datasheet HTML 9Page - SMSC Corporation LAN91C95 Datasheet HTML 10Page - SMSC Corporation LAN91C95 Datasheet HTML 11Page - SMSC Corporation LAN91C95 Datasheet HTML 12Page - SMSC Corporation LAN91C95 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 144 page
background image
9
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
TYPE
DESCRIPTION
113
nROM/
nPCMCIA
I/O4 with
pullup
This pin is sampled at the end of RESET.
When this pin is sampled low the LAN91C95
is configured for PCMCIA operation and all pin
definitions correspond to the PCMCIA mode.
For ISA operation this pin is left open and is
used as a ROM chip select output that goes
active when nMEMR is low and the address
bus contains a valid ROM address.
35, 36,
38-43,
45-50,
52, 53
Address 0-
15
A0-A15
I
Input address lines 0 through 15.
54
Address 16
A16
I
ISA - Input address line 16.
nFlash
Memory
Write
nFWE
O4
PCMCIA - Output. Flash Memory Write
Enable used for programming the attribute
memory. Goes active (low) when nWE=0 and
WRATTRIB=1 (in ECOR bit 3).
55
Address 17
A17
I
ISA - Input address line 17.
nFlash
Memory
Chip Select
nFCS
O4
PCMCIA - Output. Flash Memory Chip Select
used to access attribute memory. Goes active
(low) when nREG=0, nCE1=0 and A15=0.
56
Address 18
A18
I
Input address line 18.
57
Address 19
A19
I with pullup
ISA - Input address line 19.
Card Enable
1
nCE1
PCMCIA - Card Enable 1 input. Used to select
card on even byte accesses.
34
Address
Enable
AEN
I with pullup
ISA - Address enable input. Used as an
address qualifier. Address decoding is only
enabled when AEN is low.
nREG
PCMCIA - Attribute memory and IO select
input. Asserted when the card attribute space
or IO space is being accessed.
81
nByte High
Enable
nSBHE
I with pullup
ISA - Byte High Enable input. Asserted (low)
by the system to indicate a data transfer on
the upper data byte.
nCard
Enable 2
nCE2
PCMCIA - Card Enable 2 input. Used to select
card on odd byte accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com