Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG3003-B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # UG3003-B
Description  3.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UG3003-B Datasheet(HTML) 3 Page - Diodes Incorporated

  UG3003-B Datasheet HTML 1Page - Diodes Incorporated UG3003-B Datasheet HTML 2Page - Diodes Incorporated UG3003-B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes:
6. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
DS27010 Rev. 4 - 2
3 of 3
UG3001 - UG3005
www.diodes.com
Ordering Information
Device
Packaging
Shipping
UG3001-B
DO-201AD
500/Bulk
UG3001-T
DO-201AD
1.2K/Tape & Reel, 13-inch
UG3002-B
DO-201AD
500/Bulk
UG3002-T
DO-201AD
1.2K/Tape & Reel, 13-inch
UG3003-B
DO-201AD
500/Bulk
UG3003-T
DO-201AD
1.2K/Tape & Reel, 13-inch
UG3004-B
DO-201AD
500/Bulk
UG3004-T
DO-201AD
1.2K/Tape & Reel, 13-inch
UG3005-B
DO-201AD
500/Bulk
UG3005-T
DO-201AD
1.2K/Tape & Reel, 13-inch
(Note 6)
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com