Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C100 Datasheet(PDF) 39 Page - SMSC Corporation

Part # USB97C100
Description  Multi-Endpoint USB Peripheral Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C100 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button USB97C100 Datasheet HTML 35Page - SMSC Corporation USB97C100 Datasheet HTML 36Page - SMSC Corporation USB97C100 Datasheet HTML 37Page - SMSC Corporation USB97C100 Datasheet HTML 38Page - SMSC Corporation USB97C100 Datasheet HTML 39Page - SMSC Corporation USB97C100 Datasheet HTML 40Page - SMSC Corporation USB97C100 Datasheet HTML 41Page - SMSC Corporation USB97C100 Datasheet HTML 42Page - SMSC Corporation USB97C100 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
SMSC DS – USB97C100
Page 39
Rev. 01/03/2001
011
Remove Packet from top of RX Queue : To be issued after MCU has completed processing the
packet number at the RXFIFO.
100
Remove and Release Top of RXFIFO : Same as (011), but also frees all memory used by the
packet. This command is especially useful as a quick way to "ignore" bad packets.
101
Release specific Packet : Frees all pages allocated to the packet specified in the PNR.
110
Enqueue Packet into Endpoint x : Places the Packet number indicated by the PNR register in
the transmit queue of the endpoint pointed to by the MMUTX_SEL register. The MMUTX_SEL
register must be written before this command is issued.
111
Reset TX Endpoint x : Resets the TX FIFO holding the packet numbers awaiting transmission
and the TXFIFO_STAT bits of the endpoint pointed to by the MMUTX_SEL register. The
MMUTX_SEL register must be written before this command is issued. This command does not
release any memory allocated to packets that are dequeued.
Table 64 - Allocation Result Register
ARR
(0x7F54)
ALLOCATION RESULT REGISTER
BIT
NAME
R/W
DESCRIPTION
7FAILED
R
[6:5]
Reserved
R
Reserved
[4:0]
P[4:0]
R
Returns Packet Number (0-31, 0x00-0x1F) from an allocation
command. This can be written directly into the PNR register
Table 65 - Packet Number Register
PNR (0x7F55)
PACKET NUMBER REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:5
Reserved
R
Reserved
[4:0]
P[4:0]
R/W
Packet selector to access packet at 0x6000 buffer window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com