Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP460 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IRFP460
Description  PowerMOS transistors Avalanche energy rated
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRFP460 Datasheet(HTML) 2 Page - NXP Semiconductors

  IRFP460 Datasheet HTML 1Page - NXP Semiconductors IRFP460 Datasheet HTML 2Page - NXP Semiconductors IRFP460 Datasheet HTML 3Page - NXP Semiconductors IRFP460 Datasheet HTML 4Page - NXP Semiconductors IRFP460 Datasheet HTML 5Page - NXP Semiconductors IRFP460 Datasheet HTML 6Page - NXP Semiconductors IRFP460 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
PowerMOS transistors
IRFP460
Avalanche energy rated
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
R
th j-mb
Thermal resistance junction
-
-
0.5
K/W
to mounting base
R
th j-a
Thermal resistance junction
SOT429 package, in free air
-
45
-
K/W
to ambient
ELECTRICAL CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA
500
-
-
V
voltage
∆V
(BR)DSS / Drain-source breakdown
V
DS = VGS; ID = 0.25 mA
-
0.1
-
%/K
∆T
j
voltage temperature
coefficient
R
DS(ON)
Drain-source on resistance
V
GS = 10 V; ID = 10 A
-
0.2
0.27
Ω
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 0.25 mA
2.0
3.0
4.0
V
g
fs
Forward transconductance
V
DS = 30 V; ID = 10 A
13
18
-
S
I
DSS
Drain-source leakage current V
DS = 500 V; VGS = 0 V
-
2
50
µA
V
DS = 400 V; VGS = 0 V; Tj = 125 ˚C
-
100
1000
µA
I
GSS
Gate-source leakage current V
GS = ±30 V; VDS = 0 V
-
10
200
nA
Q
g(tot)
Total gate charge
I
D = 20 A; VDD = 400 V; VGS = 10 V
-
147
190
nC
Q
gs
Gate-source charge
-
12
18
nC
Q
gd
Gate-drain (Miller) charge
-
78
100
nC
t
d(on)
Turn-on delay time
V
DD = 250 V; RD = 12 Ω;
-
23
-
ns
t
r
Turn-on rise time
R
G = 3.9 Ω
-72
-
ns
t
d(off)
Turn-off delay time
-
150
-
ns
t
f
Turn-off fall time
-
75
-
ns
L
d
Internal drain inductance
Measured from tab to centre of die
-
3.5
-
nH
L
d
Internal drain inductance
Measured from drain lead to centre of die
-
4.5
-
nH
L
s
Internal source inductance
Measured from source lead to source
-
7.5
-
nH
bond pad
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
3000
-
pF
C
oss
Output capacitance
-
480
-
pF
C
rss
Feedback capacitance
-
270
-
pF
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
I
S
Continuous source current
T
mb = 25˚C
-
-
20
A
(body diode)
I
SM
Pulsed source current (body
T
mb = 25˚C
-
-
80
A
diode)
V
SD
Diode forward voltage
I
S = 20 A; VGS = 0 V
-
-
1.5
V
t
rr
Reverse recovery time
I
S = 20 A; VGS = 0 V; dI/dt = 100 A/µs
-
900
-
ns
Q
rr
Reverse recovery charge
-
15
-
µC
September 1999
2
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com