Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C223 Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB97C223
Description  Bus Powered USB 2.0 Flash Media Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C223 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB97C223 Datasheet HTML 9Page - SMSC Corporation USB97C223 Datasheet HTML 10Page - SMSC Corporation USB97C223 Datasheet HTML 11Page - SMSC Corporation USB97C223 Datasheet HTML 12Page - SMSC Corporation USB97C223 Datasheet HTML 13Page - SMSC Corporation USB97C223 Datasheet HTML 14Page - SMSC Corporation USB97C223 Datasheet HTML 15Page - SMSC Corporation USB97C223 Datasheet HTML 16Page - SMSC Corporation USB97C223 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Bus Powered USB 2.0 Flash Media Controller
Datasheet
SMSC USB97C223
Page 13
Revision 1.5 (01-06-05)
DATASHEET
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
MS System
CLK
MS_SCLK
O8
This pin is an output clock signal to the MS device.
SD INTERFACE
SD Data3-0
SD_DAT[3:0]
I/O8
These are bi-directional data signals.
SD Clock
SD_CLK
O8
This is an output clock signal to SD/MMC device.
SD Command
SD_CMD
I/O8
This is a bi-directional signal that connects to the CMD
signal of SD/MMC device.
SD Write
Protected
SD_nWP
IPD
This pin is Write Protect Switch input signal with an
internal weak pull-down.
USB INTERFACE
USB Bus Data
USB-
USB+
IO-U
These pins connect to the USB bus data signals.
USB
Transceiver
Bias
RBIAS
I
A 12.0K
Ω ± 1% resistor is attached from ground to this
pin to set the transceiver’s internal bias currents.
Analog Test
ATEST
IOA
This signal is used for testing the analog section of the
chip and for enabling and disabling the internal 1.8 volt
regulator. This pin should be connected to VDDA to
enable the internal regulator or to VSSA to disable it.
1.8v Analog
Power
VDDP
1.8v Analog Power
If the internal 1.8V regulator is enabled, this pin MUST
have a 10uf +/- 20%, (equivalent series resistance (ESR)
<0.1ohm) bypass capacitor to VSSA. This capacitor
should be placed as close to the pin as possible.
Analog Ground
Reference
VSSP
Analog Ground Reference for 1.8v Analog power.
3.3v Analog
Power
VDDA
3.3v Analog Power
Analog Ground
Reference
VSSA
Analog Ground Reference for 3.3v Analog Power.
1.8v Voltage
Regulator for
USB PHY
VREG
This pin is connected to 3.3v.
Crystal
Input/External
Clock Input
XTAL1/
CLKIN
ICLKx
12Mhz Crystal or external clock input.
This pin can be connected to one terminal of the crystal
or can be connected to an external 12Mhz clock when a
crystal is not used.
Crystal Output
XTAL2
OCLKx
12Mhz Crystal
This is the other terminal of the crystal, or left open when
an external clock source is used to drive XTAL1/CLKIN.
It may not be used to drive any external circuitry other
than the crystal circuit.
MEMORY/IO INTERFACE
Memory Data
Bus
MD[7:0]
IO8
When using external program memory, these signals are
used to transfer data between the internal CPU and the
external program memory.
When using internal program ROM, internal weak pull up
resistors are activated to prevent these pins from floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com