Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1002 Datasheet(PDF) 7 Page - SMSC Corporation

Part # EMC1002
Description  1째C Dual SMBus Sensor with Resistance Error Correction
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1002 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button EMC1002 Datasheet HTML 3Page - SMSC Corporation EMC1002 Datasheet HTML 4Page - SMSC Corporation EMC1002 Datasheet HTML 5Page - SMSC Corporation EMC1002 Datasheet HTML 6Page - SMSC Corporation EMC1002 Datasheet HTML 7Page - SMSC Corporation EMC1002 Datasheet HTML 8Page - SMSC Corporation EMC1002 Datasheet HTML 9Page - SMSC Corporation EMC1002 Datasheet HTML 10Page - SMSC Corporation EMC1002 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
1°C Dual SMBus Sensor with Resistance Error Correction
Datasheet
SMSC EMC1002
7
Revision 1.3 (03-24-06)
DATASHEET
Chapter 3 System Management Bus Interface Protocol
A host controller, such as an SMSC I/O controller, communicates with the EMC1002 via the two wire
serial interface named SMBus. The SMBus interface is used to read and write registers in the
EMC1002, which is a slave-only device. A detailed timing diagram is shown in Figure 3.1.
Figure 3.1 System Management Bus Timing Diagram
The EMC1002 implements a subset of the SMBus specification and supports Write Byte, Read Byte,
Send Byte, Receive Byte, and Alert Response Address protocols. as shown. In the tables that describe
the protocol, the “gray” columns indicate that the slave is driving the bus.
3.1
Write Byte
The Write Byte protocol is used to write one byte of data to the registers as shown below:
3.2
Read Byte
The Read Byte protocol is used to read one byte of data from the registers as shown below:
3.3
Send Byte
The Send Byte protocol is used to set the Internal Address Register to the correct Address. The Send
Byte can be followed by the Receive Byte protocol described below in order to read data from the
register. The send byte protocol cannot be used to write data - if data is to be written to a register then
the write byte protocol must be used as described in subsection above. The send byte protocol is
shown in Table 3.3, "SMBus Send Byte Protocol," on page 7.
Table 3.1 SMBus Write Byte Protocol
START
SLAVE ADDRESS
WR
ACK
COMMAND
ACK
DATA
ACK
STOP
17
1
18
18
11
Table 3.2 SMBus Read Byte Protocol
START
SLAVE ADDRESS
WR
ACK
COMMAND
ACK
START
SLAVE ADDRESS
RD
ACK
DATA
NACK
STOP
17
1
18
11
7
1
1
81
1
Table 3.3 SMBus Send Byte Protocol
FIELD:
START
SLAVE ADDR
WR
ACK
REG. ADDR
ACK
STOP
Bits:
17
1
1
8
1
1
SM DATA
SM CLK
T
LO W
T
R
T
HIG H
T
F
T
BUF
T
HD:S TA
P
S
S - Start Condition
P - Stop Condition
T
HD:DAT T SU:D AT
T
SU :S TA
T
HD:STA
P
T
SU :S TO
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com