Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3443L-AG6-R Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # UT3443L-AG6-R
Description  P-Channel 30-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UT3443L-AG6-R Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  UT3443L-AG6-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UT3443L-AG6-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UT3443L-AG6-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UT3443L-AG6-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UT3443L-AG6-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UT3443L-AG6-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UT3443L-AG6-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UT3443L-AG6-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd UT3443L-AG6-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
P-Channel 30-V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Available
• TrenchFET® Power MOSFET
APPLICATIONS
•
Load Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
- 30
0.049 at VGS = - 10 V
- 4.8
5.1 nC
0.054 at VGS = - 4.5 V
- 4.1
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under Steady State conditions is 110 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 4.8
A
TC = 70 °C
- 4.1
TA = 25 °C
- 4.0b, c
TA = 70 °C
- 3.5b, c
Pulsed Drain Current
IDM
- 20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 2.5
TA = 25 °C
- 1.67b, c
Maximum Power Dissipation
TC = 25 °C
PD
3.0
W
TC = 70 °C
2.0
TA = 25 °C
2.0b, c
TA = 70 °C
1.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
55
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
34
41
TSOP-6
Top V iew
6
4
1
2
3
5
2.85 mm
3 mm
(4) S
(3) G
(1, 2, 5, 6) D
P-Channel MOSFET
UT3443L-AG6-R
www.VBsemi.com
服务热线:400-655-8788


Similar Part No. - UT3443L-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3443L-AG6-R UTC-UT3443L-AG6-R Datasheet
149Kb / 4P
P-CHANNEL 2.5-V (G-S) MOSFET
More results

Similar Description - UT3443L-AG6-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com