Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT6402L-AG6-R Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # UT6402L-AG6-R
Description  Dual N-Channel 20 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UT6402L-AG6-R Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  UT6402L-AG6-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UT6402L-AG6-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UT6402L-AG6-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UT6402L-AG6-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UT6402L-AG6-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UT6402L-AG6-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UT6402L-AG6-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UT6402L-AG6-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd UT6402L-AG6-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Dual N-Channel
20 V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
20
0.0
22 at V
GS = 4.5 V
1.8 nC
0.0
28 at V
GS = 2.5 V
5.0
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
D2
G2
S1
S2
D1
G1
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
Notes:
a. TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 150 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±
12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
.
A
TC = 70 °C
4.0
TA = 25 °C
3.5b, c
TA = 70 °C
2.8b, c
Pulsed Drain Current
IDM
18
Continuous Source-Drain Diode Current
TC = 25 °C
IS
1.17
TA = 25 °C
0.95b, c
Maximum Power Dissipation
TC = 25 °C
PD
1.6
W
TC = 70 °C
1.0
TA = 25 °C
1.14b, c
TA = 70 °C
0.73b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
93
110
°C/W
Maximum Junction-to-Foot
Steady State
RthJF
75
90
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC
D
UT6402L-AG6-R
www.VBsemi.com
6
.0
6 0
服务热线:400-655-8788


Similar Part No. - UT6402L-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT6402L-AG6-R UTC-UT6402L-AG6-R Datasheet
236Kb / 5P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT6402L-AG6-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
Dual N-Channel 20-V (D-S) MOSFET
12-Aug-02
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
Dual N-Channel 20-V (D-S) MOSFET
05-Mar-01
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
Dual N-Channel 20 V (D-S) MOSFET
02-May-11
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
Dual N-Channel 20 V (D-S) MOSFET
08-Mar-10
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
Dual N-Channel 20-V (D-S) MOSFET
29-Dec-08
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
Dual N-Channel 20-V (D-S) MOSFET
27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
UT6898G-S08-R VBSEMI-UT6898G-S08-R Datasheet
997Kb / 9P
Dual N-Channel 20-V (D-S) MOSFET
SPN9926AS8RGB VBSEMI-SPN9926AS8RGB Datasheet
986Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com