Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC654-AG6-R Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # UTC654-AG6-R
Description  P-Channel 30-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UTC654-AG6-R Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  UTC654-AG6-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UTC654-AG6-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UTC654-AG6-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UTC654-AG6-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UTC654-AG6-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UTC654-AG6-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UTC654-AG6-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UTC654-AG6-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd UTC654-AG6-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TJ = 150 °C
10
VSD - Source-to-Drain Voltage (V)
1
100
TJ = 25 °C
1.2
1.4
1.6
1.8
2.0
2.2
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.00
0.05
0.10
0.15
0.20
0.25
0246
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25 °C
TJ = 125 °C
ID = 4.1 A
0
5
10
15
20
25
Time (s)
10
1000
0.1
0.01
0.001
100
1
Safe Operating Area
VDS - Drain-to-Source Voltage (V)
* VGS
minimum VGS at which RDS(on) is specified
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
1 ms
10 ms
Limited by RDS(on)*
BVDSS
Limited
100 µs
100 ms
DC
1s, 10 s
www.VBsemi.com
UTC654-AG6-R
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com