Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1402 Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC1402
Description  1째C Temperature Sensor with Beta Compensation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1402 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC1402 Datasheet HTML 17Page - SMSC Corporation EMC1402 Datasheet HTML 18Page - SMSC Corporation EMC1402 Datasheet HTML 19Page - SMSC Corporation EMC1402 Datasheet HTML 20Page - SMSC Corporation EMC1402 Datasheet HTML 21Page - SMSC Corporation EMC1402 Datasheet HTML 22Page - SMSC Corporation EMC1402 Datasheet HTML 23Page - SMSC Corporation EMC1402 Datasheet HTML 24Page - SMSC Corporation EMC1402 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
1°C Temperature Sensor with Beta Compensation
Datasheet
SMSC EMC1402
21
Revision 1.16 (03-15-07)
DATASHEET
5.10
Temperature Monitors
In general, thermal diode temperature measurements are based on the change in forward bias voltage
of a diode when operated at two different currents. This
ΔV
BE is proportional to absolute temperature
as shown in the following equation:
Figure 5.4 shows a block diagram of the temperature measurement circuit. The negative terminal for
the remote temperature diode, DN, is internally biased with a forward diode voltage referenced to
ground.
5.11
Temperature Measurement Results and Data
The temperature measurement results are stored in the internal and external temperature registers.
These are then compared with the values stored in the high and low limit registers. Both external and
internal temperature measurements are stored in 11-bit format with the eight (8) most significant bits
stored in a high byte register and the three (3) least significant bits stored in the three (3) MSB
positions of the low byte register. All other bits of the low byte register are set to zero.
The EMC1402 has two selectable temperature ranges. The default range is from 0°C to +127°C and
the temperature is represented as binary number able to report a temperature from 0°C to +127.875°C
in 0.125°C steps.
The extended range is an extended temperature range from -64°C to +191°C. The data format is a
binary number offset by 64°C. The extended range is used to measure temperature diodes with a large
known offset (such as AMD processor diodes) where the diode temperature plus the offset would be
equivalent to a temperature higher than +127°C.
where:
k = Boltzmann’s constant
T = absolute temperature in Kelvin
[1]
q = electron charge
η = diode ideality factor
Figure 5.4 Block Diagram of Temperature Monitoring Circuit
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
Δ
LOW
HIGH
BE
I
I
q
kT
V
ln
η
DP
DN
Anti-
Aliasing
Filter
ΔΣ
ADC
Resistance
Error
Correction
Substrate
PNP
ILOW
IHIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com